Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM324D Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # LM324D
Description  QUAD OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM324D Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  LM324D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM324D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM324D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM324D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM324D Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS
(unless otherwise specified: Ta=25
°C, Vcc=5V)
Characteristics
Test Conditions
Min. Typ.
Max.
Unit
Input offset voltage
2
7
mV
Input bias current
I IN(+) or I IN- ,V CM =0V
20
250
nA
Input offset current
I IN(+) or I IN- ,V CM =0V
5
50
nA
Input common-mose voltage range
Vcc=30V
0
Vcc-1.5
V
Supply current
Over full te mp erature range
RL= ∞ on all OP amps
Vcc=30V
Vcc=5V
1.5
0.7
3
1.2
mA
Large signal voltage gain
Vcc=15V,R L ≥2kΩ
25
100
V/mV
Common-mode rejection ratio
DC,V CM =0V to Vcc-1.5V
65
85
dB
Power supply rejection ratio
Vcc=5V to 30V
65
100
dB
Source
V IN
+ =1V, V IN - =0V
Vcc=15V,Vo=2V
20
40
mA
V IN
+ =0V, V IN - =1V
Vcc=15V,Vo=2V
8
20
mA
Output current
Sink
V IN
+ =0V, V IN - =1V
Vcc=15V,Vo=200mV
12
50
µA
Short circuit to ground
Vcc=15V
40
60
mA
Vcc=30V, R L =2kΩ
26
V
V OH
Vcc=30V, R L =10kΩ
27
28
V
Output voltage swing
V OL
Vcc=5V, R L =10kΩ
5
20
mV
LM324N/D
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com