Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358N Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # LM358N
Description  LOW POWER DUAL OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM358N Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  LM358N Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM358N Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM358N Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM358N Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM358N Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM358N Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM358N Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM358N Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL SINGLE-SUPPLY APPLICATION CIRCUIT
R1
10K
R2
1M
+V
+
-
1/2 D358
+Vo
IN
*
* R not needed due to temperature independent I
+5V
0
V (mV)
IN
Gain=1+R2/R1
=101(as shown)
Non-Inverting DC Gain (0V output)
+
-
1/2 D358
+Vo
+
-
+Vo
R2
100K
R3
91K
R1
910K
R 100K
R 100K
R
100K
R
100K
RL
+VIN
V
+
+V1
+V2
R 100K
R 100K
+V3
+V4
1/2 D358
WhereVo=V1+V2+V3+V4
(V1+V2)≥(V3+V4)to Keep Vo>0V
Vo =0 V fo r V =0 V, Av =1 0
IN
DC Summing Amplifier
( V
≥0V, and Vo≥0V)
Power Amplifier
IN'S
+
-
1/2 D358
R1
2K
R2
R3
2K
R4
3K
+
-
2V
V+
+
-
2V
I1
I2
1mA
I2=(R1/R2)*I1
Fixed Current Sources
+
-
1/2 D358
+
-
1/2 D358
+
-
1/2 D358
C2
330pF
R6
470K
R3
100K
R2
100K
R4
10M
R1
100K
C1
330pF
R5
470K
R8
100K
C3
10uF
VIN
Vo
V+
R7
100K
fo=1kHz
Q=50
Av=100(40dB)
"BI-QUAD" RC Active Bandpass Filter
LM358N/D
5/8
LM358
LM358
LM358
LM358
LM358
LM358
LM358



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com