Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM386D Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # LM386D
Description  Low Voltage Audio Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM386D Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM386D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM386D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM386D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM386D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM386D Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM386D Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Low Voltage Audio Power Amplifier
LM386N/D
DESCRIPTION
Outline Drawing
The LM 386 is a power amplifier designed for
use in low voltage consumer applications. The gain
is internally set to 20 to keep external part count
low, but the addition of an external resistor and
capacitor between pins 1 and 8 will increase the
gain to any value from 20 to 200.
The inputs are ground referenced while the
output automa tically biases to one-half the supply
voltage. The quiescent power drain is only 24
DIP8
milliwatts when operating from a 6 volt supply ,
ma king the D386 ideal for battery operation.
FEATURE
Battery operation
M i n i mu m e x t e r n a l p a r t s
Wide supply voltage range: 4V–12V
Low quiescent current drain: 4mA
Voltage gains from 20 to 200
SOP8
Available in 8 pin DIP package
A P P L I C A T I O N
PIN CONFIGURATION
A M - F M r a d i o a mp l i f i e r s
Portable tape player amplifiers
Intercoms
TV sound sy stems
Line drivers
Ultrasonic drivers
Small servo drivers
Power converters
TIGER ELECTRONIC CO.,LTD
LM386N
LM386D
1/6


Similar Part No. - LM386D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM386 NSC-LM386 Datasheet
251Kb / 9P
Low Voltage Audio Power Amplifier
logo
Unisonic Technologies
LM386 UTC-LM386 Datasheet
249Kb / 8P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM386 TI1-LM386 Datasheet
309Kb / 11P
Low Voltage Audio Power Amplifier
logo
ARTSCHIP ELECTRONICS CO...
LM386 ARTSCHIP-LM386 Datasheet
411Kb / 9P
Low Voltage Audio Power Amplifier
logo
Unisonic Technologies
LM386 UTC-LM386 Datasheet
236Kb / 8P
LOW VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - LM386D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2113 NJRC-NJM2113 Datasheet
156Kb / 4P
LOW VOLTAGE AUDIO POWER AMPLIFIER
NJM2135 NJRC-NJM2135 Datasheet
183Kb / 5P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
KA8602 UTC-KA8602 Datasheet
140Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
LM386 UTC-LM386_11 Datasheet
249Kb / 8P
LOW VOLTAGE AUDIO POWER AMPLIFIER
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com