Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20UT04FN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 20UT04FN
Description  High Performance Schottky Generation 5.0, 20 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20UT04FN Datasheet(HTML) 1 Page - Vishay Siliconix

  20UT04FN Datasheet HTML 1Page - Vishay Siliconix 20UT04FN Datasheet HTML 2Page - Vishay Siliconix 20UT04FN Datasheet HTML 3Page - Vishay Siliconix 20UT04FN Datasheet HTML 4Page - Vishay Siliconix 20UT04FN Datasheet HTML 5Page - Vishay Siliconix 20UT04FN Datasheet HTML 6Page - Vishay Siliconix 20UT04FN Datasheet HTML 7Page - Vishay Siliconix 20UT04FN Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VS-20UT04, VS-20WT04FN
www.vishay.com
Vishay Semiconductors
Revision: 03-Nov-11
1
Document Number: 94573
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Performance Schottky Generation 5.0, 20 A
Note
•VF measured at 125 °C, connecting 2 anode pins
FEATURES
• 175 °C high performance Schottky diode
• Very low forward voltage drop
• Extremely low reverse leakage
• Optimized VF vs. IR trade off for high efficiency
• Increased ruggedness for reverse avalanche
capability
• RBSOA available
• Negligible switching losses
• Submicron trench technology
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
• Specific for PV cells bypass diode
• High efficiency SMPS
• High frequency switching
• Output rectification
• Reverse battery protection
• Freewheeling
• DC/DC systems
• Increased power density systems
PRODUCT SUMMARY
Package
D-PAK (TO-252AA),
I-PAK (TO-251AA)
IF(AV)
20 A
VR
45 V
VF at IF
0.53 V
IRM max.
7 mA at 125 °C
TJ max.
175 °C
Diode variation
Single die
EAS
108 mJ
I-PAK (TO-251AA)
D-PAK (TO-252AA)
VS-20UT04
VS-20WT04FN
Base
cathode
Anode
Anode
4, 2
3
1
Base
cathode
Anode
Anode
4, 2
3
1
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
VRRM
45
V
VF
20 Apk, TJ = 125 °C
(typical, measured connecting 2 anode pins)
0.480
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VS-20UT04
VS-20WT04FN
UNITS
Maximum DC reverse voltage
VR
TJ = 25 °C
45
V


Similar Part No. - 20UT04FN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20UT04FN VISHAY-20UT04FN Datasheet
154Kb / 9P
High Performance Schottky Generation 5.0, 20 A
04-Jan-11
20UT04FNTR VISHAY-20UT04FNTR Datasheet
154Kb / 9P
High Performance Schottky Generation 5.0, 20 A
04-Jan-11
20UT04FNTRL VISHAY-20UT04FNTRL Datasheet
154Kb / 9P
High Performance Schottky Generation 5.0, 20 A
04-Jan-11
20UT04FNTRR VISHAY-20UT04FNTRR Datasheet
154Kb / 9P
High Performance Schottky Generation 5.0, 20 A
04-Jan-11
More results

Similar Description - 20UT04FN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20TT100 VISHAY-20TT100 Datasheet
92Kb / 7P
High Performance Schottky Generation 5.0, 20 A
05-Sep-08
20TT100 VISHAY-20TT100_08 Datasheet
111Kb / 7P
High Performance Schottky Generation 5.0, 20 A
05-Sep-08
21TT100 VISHAY-21TT100 Datasheet
130Kb / 7P
High Performance Schottky Generation 5.0, 20 A
05-Sep-08
43CTT100 VISHAY-43CTT100_08 Datasheet
128Kb / 7P
High Performance Schottky Generation 5.0, 2 x 20 A
08-Sep-08
20UT04 VISHAY-20UT04 Datasheet
154Kb / 9P
High Performance Schottky Generation 5.0, 20 A
04-Jan-11
40CPT100-F VISHAY-40CPT100-F Datasheet
147Kb / 8P
High Performance Schottky Generation 5.0, 2 x 20 A
29-Jul-09
21TT100 VISHAY-21TT100_12 Datasheet
164Kb / 8P
High Performance Schottky Generation 5.0, 20 A
05-Sep-08
VS-20WT04FN VISHAY-VS-20WT04FN Datasheet
123Kb / 7P
High Performance Schottky Generation 5.0, 20 A
20-Jan-09
20TT100 VISHAY-20TT100_12 Datasheet
143Kb / 8P
High Performance Schottky Generation 5.0, 20 A
05-Sep-08
20TT100 VISHAY-20TT100_V01 Datasheet
151Kb / 8P
High Performance Schottky Generation 5.0, 20 A
05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com