Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP297 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # BSP297
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP297 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BSP297 Datasheet HTML 1Page - Siemens Semiconductor Group BSP297 Datasheet HTML 2Page - Siemens Semiconductor Group BSP297 Datasheet HTML 3Page - Siemens Semiconductor Group BSP297 Datasheet HTML 4Page - Siemens Semiconductor Group BSP297 Datasheet HTML 5Page - Siemens Semiconductor Group BSP297 Datasheet HTML 6Page - Siemens Semiconductor Group BSP297 Datasheet HTML 7Page - Siemens Semiconductor Group BSP297 Datasheet HTML 8Page - Siemens Semiconductor Group BSP297 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
6
Sep-12-1996
BSP 297
Typ. output characteristics
ID = ƒ(VDS)
parameter:
tp = 80 µs
0.0
1.0
2.0
3.0
4.0
5.0
V
7.0
V
DS
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
A
1.5
I
D
V
GS
[V]
a
a
2.0
b
b
2.5
c
c
3.0
d
d
3.5
e
e
4.0
f
f
4.5
g
g
5.0
h
h
6.0
i
i
7.0
j
j
8.0
k
k
9.0
l
Ptot = 2W
l
10.0
Typ. drain-source on-resistance
RDS (on) = ƒ(ID)
parameter:
tp = 80 µs, Tj = 25 °C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
A
0.9
I
D
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Ω
6.5
R
DS (on)
VGS [V] =
a
a
2.0
b
b
2.5
c
c
3.0
d
d
3.5
e
e
4.0
f
f
4.5
g
g
5.0
h
h
6.0
i
i
7.0
j
j
8.0
k
k
9.0
l
l
10.0
Typ. transfer characteristics
ID = f(VGS)
parameter:
tp = 80 µs
0
1
2
3
4
5
6
7
8
V
10
V
GS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
A
2.2
I
D
Typ. forward transconductance
gfs = f (ID)
parameter:
tp = 80 µs,
0.0
0.4
0.8
1.2
1.6
A
2.2
I
D
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
S
1.8
g
fs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com