Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1671 Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # MM1671
Description  Low Supply Voltage 75OHM Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MM1671 Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  MM1671 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MM1671 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MM1671 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MM1671 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MM1671 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MM1671 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MM1671 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd MM1671 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd MM1671 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MM1671
4/11
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Value
Unit
Operating Voltage
Vccop
2.8~ 5.5
V
Operating Temperature
Topr
-40~ +85
°C
ELECTRICAL CHARACTERISTICS
(unless otherwise specified: Ta=25
°C, VCC =3V)
Characteristics
Symbol
Test conditions
Min
Typ
Max
Unit
Supply current
Icc1
No signal
7
10
mA
Supply current
(at power save mode)
Icc2
No signal, PS: ON
1
µA
H
IPSH
1pin VH=2.8V
360
µA
Power save terminal
input current
L
IPSL
1pin VL=0.2V
18
µA
H
VPSH
2.0
Vcc
V
Power save terminal
input voltage
L
VPSL
0.5
V
Input terminal voltage
VIN
4pin
1.2
V
Output terminal voltage
VOUT
2pin
0.15
0.3
0.45
V
Voltage gain
Gv
SIN wave: 1V
f=100kHz
5.7
6.0
6.3
dB
Frequency characteristics
1
fc1
SIN wave: 1V
6.75MHz/100kHz
-1.0
0
+1.0
dB
Frequency characteristics
2
fc2
SIN wave: 1V
27MHz/100kHz
-40
-27
dB
Differential gain
DG
Staircase signal 1V
0.7
1.5
%
Differential phase
DP
Staircase signal 1V
0.7
1.5
%
Output dynamic range
DR
SIN wave: 100kHz
THD=1.0%
2.2
2.4
V
S/N
SN
BW: 100k~ 6MHz
74
dB
Group delay
t1
At 100kHz
50
80
ns
To 3.58MHz
4
10
To 4.43MHz
6
10
Group delay
∆t1
To 6MHz
12
20
ns
SWITCH CONTROL TABLE
PS-Pin
Power Save
H
OFF
L
ON
OPEN
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com