Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8563 Datasheet(PDF) 18 Page - Tiger Electronic Co.,Ltd

Part # PCF8563
Description  Real-time Clock/Calendar
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

PCF8563 Datasheet(HTML) 18 Page - Tiger Electronic Co.,Ltd

Back Button PCF8563 Datasheet HTML 14Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 15Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 16Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 17Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 18Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 19Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 20Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 21Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 22Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
PCF8563
18/23
START and STOP conditions
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW
transition of the data line, while the clock is HIGH is defined as the start condition (S). A
LOW-to-HIGH transition of the data line while the clock is HIGH is defined as the stop
condition (P); see Figure below.
START and STOP conditions I 2 C-bus
Bit transfer
One data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the HIGH period of the clock pulse as changes in the data line at this time
will be interpreted as a control signal; see Figure below..
Bit transfer on the I 2 C-bus
Acknowledge
The number of data bytes transferred between the START and STOP conditions from
transmitter to receiver is unlimited. Each byte of eight bits is followed by an acknowledge
bit. The acknowledge bit is a HIGH level signal put on the bus by the transmitter during
which time the master generates an extra acknowledge related clock pulse.
A slave receiver which is addressed must generate an acknowledge after the reception of
each byte. Also a master receiver must generate an acknowledge after the reception of each
byte that has been clocked out of the slave transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com