Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2050 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # TDA2050
Description  32W Hi-Fi AUDIO POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TDA2050 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  TDA2050 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TDA2050 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TDA2050 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TDA2050 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TDA2050 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd TDA2050 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TDA2050
2/6
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
Characteristic
Symbol
Value
Unit
Supply voltage
Vs
±25
V
Input voltage
Vi
Vs
V
Differential input voltage
Vi
±15
V
Output peak current(internally limited)
Io
5
A
Power dissipationTcase=75
°C
Ptot
25
W
Storage and junction temperature range
Tstg,Tj
-40~+150
°C
ELECTRI CAL
CH ARACTERISTICS(Unless
otherwise
specified:
Vs=±18V ;
f=1KHz; Ta=25
°C)
Characteristics
Symbol
Test conditions
Min
Typ
Max
Unit
Supply voltage range
Vs
±4.5
±25
V
Quiescent drain current
Id
Vs=±4.5V
Vs=±25V
30
55
50
90
mA
Input bias current
Ib
Vs=±22V
0.1
0.5
µA
Input offset voltage
Vos
Vs=±22V
±15
mV
Input offset current
Ios
Vs=±22V
±200
nA
d=0.5%
RL=4Ω
RL=8Ω
Vs=±22V RL=8Ω
24
22
28
18
25
d=10%
RL=4Ω
RL=8Ω
Vs=±22V RL=8Ω
35
22
32
RMS output power
Po
d=10%,T=1s
Vs=±22.5V RL=4Ω
50
W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com