Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT2060G Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VT2060G
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT2060G Datasheet(HTML) 2 Page - Vishay Siliconix

  VT2060G Datasheet HTML 1Page - Vishay Siliconix VT2060G Datasheet HTML 2Page - Vishay Siliconix VT2060G Datasheet HTML 3Page - Vishay Siliconix VT2060G Datasheet HTML 4Page - Vishay Siliconix VT2060G Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
VT2060G, VFT2060G, VBT2060G & VIT2060G
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89133
Revision: 08-Sep-09
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Breakdown voltage
IR = 1.0 mA
TA = 25 °C
VBR
60 (minimum)
-
V
Instantaneous forward voltage per diode (1)
IF = 5 A
IF = 10 A
TA = 25 °C
VF
0.58
0.69
-
0.90
V
IF = 5 A
IF = 10 A
TA = 125 °C
0.50
0.63
-
0.84
Reverse current per diode (2)
VR = 60 V
TA = 25 °C
TA = 125 °C
IR
-
8.0
700
25
µA
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT2060G
VFT2060G
VBT2060G
VIT2060G
UNIT
Typical thermal resistance
per diode
per device
RθJC
3.6
2.6
7.0
5.2
3.6
2.6
3.6
2.6
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
VT2060G-E3/4W
1.87
4W
50/tube
Tube
ITO-220AB
VFT2060G-E3/4W
1.75
4W
50/tube
Tube
TO-263AB
VBT2060G-E3/4W
1.39
4W
50/tube
Tube
TO-263AB
VBT2060G-E3/8W
1.39
8W
800/reel
Tape and reel
TO-262AA
VIT2060G-E3/4W
1.45
4W
50/tube
Tube
Figure 1. Maximum Forward Current Derating Curve
Case Temperature (°C)
25
0
25
50
75
100
125
VFT2060G
Mounted on Specific Heatsink
5
20
15
10
0
150
V(B,I)T2060G
Figure 2. Forward Power Dissipation Characteristics Per Diode
0
2
4
6
10
012
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
3
5
8
D = t
p/T
t
p
T
10
8
6
4
2
D = 1.0
1
7
9



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com