Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1002 Datasheet(PDF) 13 Page - Touchstone Semiconductor Inc

Part # TS1002
Description  THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1002 Datasheet(HTML) 13 Page - Touchstone Semiconductor Inc

Back Button TS1002 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 11Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 12Page - Touchstone Semiconductor Inc TS1002 Datasheet HTML 13Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
TS1002/TS1004
Touchstone Semiconductor, Inc.
Page 13
630 Alder Drive, Milpitas, CA 95035
TS1002_4DS r1p0
+1 (408) 215 - 1220
▪ www.touchstonesemi.com
RTFDS
PACKAGE OUTLINE DRAWING
14-Pin TSSOP Package Outline Drawing
(N.B., Drawings are not to scale)
Information furnished by Touchstone Semiconductor is believed to be accurate and reliable. However, Touchstone Semiconductor does not
assume any responsibility for its use nor for any infringements of patents or other rights of third parties that may result from its use, and all
information provided by Touchstone Semiconductor and its suppliers is provided on an AS IS basis, WITHOUT WARRANTY OF ANY KIND.
Touchstone Semiconductor reserves the right to change product specifications and product descriptions at any time without any advance
notice. No license is granted by implication or otherwise under any patent or patent rights of Touchstone Semiconductor. Touchstone
Semiconductor assumes no liability for applications assistance or customer product design. Customers are responsible for their products and
applications using Touchstone Semiconductor components. To minimize the risk associated with customer products and applications,
customers should provide adequate design and operating safeguards. Trademarks and registered trademarks are the property of their
respective owners.
DETAIL ‘A’
0.20 Max
0.09 Min
NOTE:
1. “D” AND “E” ARE REFERENCE DATUMS AND DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.15 mm PER SIDE.
2. “N” IS THE NUMBER OF TERMINAL POSITIONS.
3. CONTROLLING DIMENSION IN MILIMETERS AND ANGLES IN DEGREES.
4. THIS PART IS COMPLIANT WITH JEDEC SPECIFICATION MO-153 AB-1
5. LEAD SPAN/STAND OFF HEIGHT/COPLANARITY ARE CONSIDERED AS SPECIAL CHARACTERISTIC.
DETAIL ‘A’
0.30 Max
0.19 Min
SEATING PLANE
0.15 Max
O.05 Min
5.10 Max
4.90 Min
( D)
0.65 REF
1.05 Max
0.80 Min
1.20 Max
GAUGE PLANE
0.25
0' – 8'
1.00 REF
0.75 Max
0.45 Min
R = R’ = 0.09 Min
R’
0.25 Max
0.19 Min
0.30 Max
0.19 Min
0.20 Max
0.09 Min
0.16 Max
0.09 Min
12' TYP
ALL SIDES
0.10 Max
Pin 1
ID MARK
SEATING PLANE
1
2
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com