Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC043TM Datasheet(PDF) 2 Page - Rohm

Part # DTC043TM
Description  100mA/50V Digital transistors(with built-in resistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC043TM Datasheet(HTML) 2 Page - Rohm

  DTC043TM Datasheet HTML 1Page - Rohm DTC043TM Datasheet HTML 2Page - Rohm DTC043TM Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTC043TM / DTC043TEB / DTC043TUB
 
Electrical characteristics (Ta=25
C)
Symbol
Max.
Unit
BVCBO
-V
BVCEO
-V
BVEBO
-V
ICBO
500
nA
IEBO
500
nA
VCE(sat)
0.15
V
hFE
600
-
fT
-
MHz
R1
6.11
k
* Characteristics of built-in transistor
Electrical characteristics curves
0.05
IC=5mA / IB=0.5mA
100
-
VCE=10V / IC=5mA
Test Conditions
Collector-Base breakdown voltage
50
-
IC=50A
Parameter
Min.
Typ.
Collector-Emitter breakdown voltage
50
-
IC=1mA
Emitter-Base breakdown voltage
5
-
IE=50A
Collector cut-off current
-
-
VCB=50V
Emitter cut-off current
-
-
VEB=4V
DC current gain
Collector-Emitter saturation voltage
-
Transition frequency *
-
250
VCE=10V / IE=-5mA
f=100MHz
Fig.1 DC Current Gain vs. Collector Current
Fig.2 Collector Saturation Voltage vs. Collector Current
Input resistance
3.29
4.7
1
10
100
1000
0.1
1
10
100
COLLECTOR CURRENT : IC (mA)
VCE=10V
Ta=125ºC
Ta=75ºC
Ta=25ºC
Ta=-40ºC
0.001
0.01
0.1
1
0.1
1
10
100
COLLECTOR CURRNET : IC (mA)
IC/IB=10
Ta=125ºC
Ta=75ºC
Ta=25ºC
Ta=-40ºC
2/2
2011.08 - Rev.A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com