Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD6806 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LD6806
Description  Ultra low-dropout regulator, low noise, 200 mA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LD6806 Datasheet(HTML) 1 Page - NXP Semiconductors

  LD6806 Datasheet HTML 1Page - NXP Semiconductors LD6806 Datasheet HTML 2Page - NXP Semiconductors LD6806 Datasheet HTML 3Page - NXP Semiconductors LD6806 Datasheet HTML 4Page - NXP Semiconductors LD6806 Datasheet HTML 5Page - NXP Semiconductors LD6806 Datasheet HTML 6Page - NXP Semiconductors LD6806 Datasheet HTML 7Page - NXP Semiconductors LD6806 Datasheet HTML 8Page - NXP Semiconductors LD6806 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1.
Product profile
1.1 General description
The LD6806 series is a small-size Low-DropOut regulator (LDO) family with a typical
voltage drop of 60 mV at 200 mA current rating.
The device is available in three different surface-mounted packages, one 0.4 mm pitch
CSP, one leadless plastic package SOT886 and one gull wing package SOT753.
The operating voltage ranges from 2.3 V to 5.5 V and the output voltage ranges from
1.2 V to 3.6 V.
LD6806x/xxH devices show a high-ohmic state at the output pin, while the LD6806x/xxP
contains a pull-down switching transistor, to provide a low-ohmic output stage when the
device is disabled. All devices use the same regulator design and are manufactured in
monolithic silicon technology.
These features make the LD6806 series ideal for use in applications requiring component
miniaturization, such as mobile phone handsets, cordless telephones and personal digital
devices.
1.2 Features and benefits
Input voltage range 2.3 V to 5.5 V
Output voltage range 1.2 V to 3.6 V
Dropout voltage 60 mV at 200 mA output rating
Low quiescent current in shutdown mode (typical 1.0
A)
30
V RMS output noise voltage (typical value) at 10 Hz to 100 kHz
Turn-on time just 200
s
55 dB Power Supply Rejection Ratio (PSRR) at 1 kHz
Temperature watchdog
Current limiter
LD6806xxxH: high-ohmic (3-state) output state when disabled
LD6806xxxP: low-ohmic output state when disabled
Integrated ESD protection of 10 kV Human Body Model
WLCSP with 0.4 mm pitch and package size of 0.76 mm
 0.76 mm  0.47 mm
SOT886 leadless package 1.0 mm
 1.45 mm  0.5 mm
SOT753 plastic surface-mounted device
Pb-free, RoHS compliant and free of Halogen and Antimony (dark green compliant)
LD6806 series
Ultra low-dropout regulator, low noise, 200 mA
Rev. 3 — 9 December 2011
Product data sheet


Similar Part No. - LD6806

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LD6806CX4-14H NXP-LD6806CX4-14H Datasheet
13Mb / 24P
DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
LD6806CX4-14P NXP-LD6806CX4-14P Datasheet
13Mb / 24P
DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
LD6806CX4-15H NXP-LD6806CX4-15H Datasheet
13Mb / 24P
DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
LD6806CX4-15P NXP-LD6806CX4-15P Datasheet
13Mb / 24P
DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
LD6806CX4-16H NXP-LD6806CX4-16H Datasheet
13Mb / 24P
DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
More results

Similar Description - LD6806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV705 TI1-TLV705 Datasheet
841Kb / 26P
200-mA, Low IQ, Low-Noise, Low-Dropout Regulator
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
logo
ON Semiconductor
NCP752 ONSEMI-NCP752 Datasheet
1Mb / 21P
200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
April, 2013 ??Rev. 2
NCV8752 ONSEMI-NCV8752 Datasheet
1Mb / 21P
200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
April, 2013 ??Rev. 0
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP2989 TI1-LP2989 Datasheet
1Mb / 34P
Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Texas Instruments
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com