Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL2101 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SSL2101
Description  Dimmable GreenChip driver for LED lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL2101 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SSL2101_11 Datasheet HTML 3Page - NXP Semiconductors SSL2101_11 Datasheet HTML 4Page - NXP Semiconductors SSL2101_11 Datasheet HTML 5Page - NXP Semiconductors SSL2101_11 Datasheet HTML 6Page - NXP Semiconductors SSL2101_11 Datasheet HTML 7Page - NXP Semiconductors SSL2101_11 Datasheet HTML 8Page - NXP Semiconductors SSL2101_11 Datasheet HTML 9Page - NXP Semiconductors SSL2101_11 Datasheet HTML 10Page - NXP Semiconductors SSL2101_11 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
SSL2101
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4.1 — 5 December 2011
7 of 23
NXP Semiconductors
SSL2101
Dimmable Greenchip driver for LED lighting
8.4 Bleeder for dimming applications
The SSL2101 IC contains some circuitry intended for mains dimmer compatibility. This
circuit contains two current sinks that are called bleeders. A strong bleeder is used for
zero-cross reset of the dimmer and triac latching. A weak bleeder is added to maintain the
hold current through the dimmer.
The strong bleeder switch is switched on when the maximum voltage on pin WBLEED and
SBLEED is below the Vth(SBLEED) level (52 V typically). The weak bleeder switch is
switched on as soon as the voltage on pin ISENSE exceeds the Vth(high)(ISENSE) level
(
100 mV typically). The weak bleeder switch is switched off when the ISENSE voltage
drops below the Vth(low)(ISENSE) level (250 mV typically). The weak bleeder switch is also
switched off when the strong bleeder switch is switched on. See Figure 5.
8.5 Valley switching
A new cycle is started when the primary switch is switched on (see Figure 6). After a time
determined by the oscillator voltage, RC and the internal regulation level, the switch is
turned off and the secondary stroke starts. The internal regulation level is determined by
the voltage on pin PWMLIMIT.
After the secondary stroke, the drain voltage shows an oscillation with a frequency of
approximately:
(2)
where:
Lp = primary self inductance
Cp = parasitic capacitance on drain node
Fig 5.
Bleeder circuit
014aaa571
WBLEED
SBLEED
D2
D3
20
μA
LOW V DETECT
Q
R
S
−0.1 V
−0.25 V
ISENSE
GND
M2
M1
I1
Integrated
B1
OR
1
2
L
p
C
p

----------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com