Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD6806F Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LD6806F
Description  Ultra low-dropout regulator, low noise, 200 mA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LD6806F Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LD6806F Datasheet HTML 3Page - NXP Semiconductors LD6806F Datasheet HTML 4Page - NXP Semiconductors LD6806F Datasheet HTML 5Page - NXP Semiconductors LD6806F Datasheet HTML 6Page - NXP Semiconductors LD6806F Datasheet HTML 7Page - NXP Semiconductors LD6806F Datasheet HTML 8Page - NXP Semiconductors LD6806F Datasheet HTML 9Page - NXP Semiconductors LD6806F Datasheet HTML 10Page - NXP Semiconductors LD6806F Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LD6806_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 December 2011
7 of 36
NXP Semiconductors
LD6806 series
Ultra low-dropout regulator, low noise, 200 mA
[1]
VO(nom) = nominal output voltage (device specific).
[2]
The junction temperature must decrease by Tsd(hys) to enable the device after Tsd was reached and the device was disabled.
[3]
LD6806x/xxP only.
9.
Dynamic behavior
All results described in Section 9 are based on measurements of types LD6806CX4xxx
and LD6806Fxxx from the LD6806 product series within Section 6 “Recommended
operating conditions”.
9.1 Dropout
The dropout voltage is defined as the smallest input to output voltage difference at a
specified load current when the regulator operates within its linear region with the pass
transistor functioning as a plain resistor. This means that the input voltage is below the
nominal output voltage value.
A small dropout voltage guaranties lower power consumption and efficiency maximization.
Isc
short-circuit current
pin OUT
-
600
-
mA
Iq
quiescent current
VEN = 1.4 V; IOUT = 0 mA
-
70
100
A
VEN = 1.4V; 1mA  IOUT  200 mA
-
155
250
A
VEN  0.4 V
-
0.1
1.0
A
Tsd
shutdown temperature
-
160
-
C
Tsd(hys)
shutdown temperature
hysteresis
[2] -20
-
K
PSRR
power supply rejection ratio
VIN = VO(nom) + 1 V; IOUT = 30 mA;
fripple = 1 kHz
[1] -
55
-
dB
Vn(o)(RMS)
RMS output noise voltage
bandwidth = 10 Hz to 100 kHz;
CL(ext) =1 F
-30
-
V
tstartup(reg)
regulator start-up time
VIN = 5.5 V; VOUT = 0.95  VO(nom);
IOUT = 200 mA; CL(ext) =1 F
[1] -
-
200
s
tsd(reg)
regulator shutdown time
VIN = 5.5 V; CL(ext) =1 F
[3] -300
-
s
Rpd
pull-down resistance
[3] -100
-
Table 10.
Electrical characteristics …continued
At recommended input voltages and Tamb = 40 Cto+85 C; voltages are referenced to GND (ground = 0 V);
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com