Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1489948-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1489948-1
Description  XFP Connectors 788862-[ ] and 1367500-1 and Cage Assembly 1489951-1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1489948-1 Datasheet(HTML) 2 Page - Tyco Electronics

  1489948-1 Datasheet HTML 1Page - Tyco Electronics 1489948-1 Datasheet HTML 2Page - Tyco Electronics 1489948-1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
408-8723
2 of 3
Rev B
Figure 3
3. Place the host pc board on the pc board
support fixture.
A pc board support fixture must be used to provide
proper support for the host pc board, and to prevent
damage to the host pc board and its adjacent
components.
4. Align the compliant pins of the cage assembly
with the applicable holes in the host pc board.
Using even pressure across the cage assembly,
apply only that force necessary to seat the
shoulders of the compliant pins onto the host pc
board. Then remove the pc board support fixture.
5. Inspect the seated cage assembly according to
Figure 4.
6. Design the bezel according to 114-13096.
It is recommended that an EMI gasket be installed
onto the back of the bezel. Follow the design
requirements for the gasket also given in
114-13096.
Figure 4
7. Mount the cage assembly (with the host pc
board) onto the bezel. Make sure that the
opening of the cage assembly is centered over
the cutout of the bezel and that the front flange is
against the EMI gasket. See Figure 5.
To avoid interference with the insertion and
extraction of the transceiver, IT IS IMPORTANT
that the bezel and pc board be positioned in
relation to each other according to Figure 5.
Figure 5
Connector
Host PC Board
!
CAUTION
NOTE
i
Lower Rear Gasket
Fully Seated on
Host PC Board
There is No Damage
or Distortion to
Cage Assembly
0.05 mm (Max)
Shoulder of Compliant
Pin Seated on Host
PC Board
Cage Assembly Front
Flange Does Not
Touch Host PC Board
Host PC Board
!
CAUTION
EMI Gasket
(Ref)
Front Flange
5.2 mm Max
Cutout in
Bezel
Host PC Board
0.3±0.2 mm For Bezel Cutout Above Host PC Board
0.4±0.1 mm For Peripheral Component
Interconnect (PCI) Application
0.3±0.2 mm For Bezel Cutout
Above Host PC Board
Note: Dimensions and
References for Mounting
to One Side of PC Board
Also Apply
Cage Assembly Installed onto Bezel
Side View
Mounting Connector and Cage Assembly to
One Side of Host PC Board
Mounting Connector and Cage Assembly to
Both Sides of Host PC Board
Cage
Assembly



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com