Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84A13 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BZX84A13
Description  SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS 1% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BZX84A13 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BZX84A13 Datasheet HTML 1Page - Central Semiconductor Corp BZX84A13 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZX84A2V4 THRU BZX84A47
SURFACE MOUNT
SILICON ZENER DIODE
350mW, 2.4 THRU 47 VOLTS
1% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BZX84A2V4
Series are surface mount silicon, tight tolerance
Zener diodes. These high quality voltage regulating
diodes are designed for use in industrial, commercial,
entertainment and computer applications.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=0.9V MAX @ IF=10mA (for all types)
Type
Zener
Voltage
VZ @ IZT
Test
Current
Maximum
Zener
Impedance
Maximum
Reverse
Current
Maximum
Zener
Current
Maximum
Temperature
Coefficient
Marking
Code
MIN
NOM
MAX
IZT
ZZT @ IZT ZZK @ IZK
IR @ VR
IZM
ΘVZ
V
V
V
mA
Ω
Ω
mA
μA
V
mA
% / °C
BZX84A2V4
2.376
2.4
2.424
5.0
100
600
1.0
50
1.0
104
-0.06
*
BZX84A2V7
2.673
2.7
2.727
5.0
100
600
1.0
20
1.0
92
-0.06
*
BZX84A3V0
2.970
3.0
3.030
5.0
95
600
1.0
10
1.0
83
-0.06
*
BZX84A3V3
3.267
3.3
3.333
5.0
95
600
1.0
5.0
1.0
76
-0.06
*
BZX84A3V6
3.564
3.6
3.636
5.0
90
600
1.0
5.0
1.0
69
-0.06
*
BZX84A3V9
3.861
3.9
3.939
5.0
90
600
1.0
3.0
1.0
64
-0.06
*
BZX84A4V3
4.257
4.3
4.343
5.0
90
600
1.0
3.0
1.0
58
-0.05
*
BZX84A4V7
4.653
4.7
4.747
5.0
80
500
1.0
3.0
2.0
53
-0.03
Z1A
BZX84A5V1
5.049
5.1
5.151
5.0
60
480
1.0
2.0
2.0
49
0.02
*
BZX84A5V6
5.544
5.6
5.656
5.0
40
400
1.0
1.0
2.0
45
0.03
*
BZX84A6V2
6.138
6.2
6.262
5.0
10
150
1.0
3.0
4.0
40
0.04
*
BZX84A6V8
6.732
6.8
6.868
5.0
15
80
1.0
2.0
4.0
37
0.05
*
BZX84A7V5
7.425
7.5
7.575
5.0
15
80
1.0
1.0
5.0
33
0.05
*
BZX84A8V2
8.118
8.2
8.282
5.0
15
80
1.0
0.7
5.0
30
0.06
*
BZX84A9V1
9.009
9.1
9.191
5.0
15
100
1.0
0.5
6.0
27
0.06
*
BZX84A10
9.90
10
10.10
5.0
20
150
1.0
0.2
7.0
25
0.07
*
BZX84A11
10.89
11
11.11
5.0
20
150
1.0
0.1
8.0
23
0.07
*
BZX84A12
11.88
12
12.12
5.0
25
150
1.0
0.1
8.0
21
0.07
*
BZX84A13
12.87
13
13.13
5.0
30
170
1.0
0.1
8.0
19
0.08
*
BZX84A15
14.85
15
15.15
5.0
30
200
1.0
0.05
10.5
17
0.08
*
* Consult Factory
SOT-23 CASE
R0 (28-April 2011)
www.centr a lsemi.com


Similar Part No. - BZX84A13

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84A13 CENTRAL-BZX84A13 Datasheet
120Kb / 2P
SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
More results

Similar Description - BZX84A13

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
BZX84B5V1 CENTRAL-BZX84B5V1 Datasheet
120Kb / 2P
SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZDA2V4 CENTRAL-CMSZDA2V4 Datasheet
124Kb / 2P
SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMPZDA2V4 CENTRAL-CMPZDA2V4 Datasheet
121Kb / 2P
SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
336Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
BZX84C3V3-33 CENTRAL-BZX84C3V3-33 Datasheet
336Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com