Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84A18 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # BZX84A18
Description  SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS 1% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BZX84A18 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  BZX84A18 Datasheet HTML 1Page - Central Semiconductor Corp BZX84A18 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BZX84A2V4 THRU BZX84A47
SURFACE MOUNT
SILICON ZENER DIODE
350mW, 2.4 THRU 47 VOLTS
1% TOLERANCE
SOT-23 CASE - MECHANICAL OUTLINE
Type
Zener
Voltage
VZ @ IZT
Test
Current
Maximum
Zener
Impedance
Maximum
Reverse
Current
Maximum
Zener
Current
Maximum
Temperature
Coefficient
Marking
Code
MIN
NOM
MAX
IZT
ZZT @ IZT ZZK @ IZK
IR @ VR
IZM
ΘVZ
V
V
V
mA
Ω
Ω
mA
μA
V
mA
% / °C
BZX84A16
15.84
16
16.16
5.0
40
200
1.0
0.05
11.2
16
0.08
*
BZX84A18
17.82
18
18.18
5.0
45
225
1.0
0.05
12.6
14
0.08
*
BZX84A20
19.80
20
20.20
5.0
55
225
1.0
0.05
14.0
12
0.08
*
BZX84A22
21.78
22
22.22
5.0
55
250
1.0
0.05
15.4
11
0.09
*
BZX84A24
23.76
24
24.24
5.0
70
250
1.0
0.05
16.8
10
0.09
*
BZX84A27
26.73
27
27.27
2.0
80
300
0.5
0.05
18.9
9
0.09
*
BZX84A30
29.70
30
30.30
2.0
80
300
0.5
0.05
21.0
8
0.09
*
BZX84A33
32.67
33
33.33
2.0
80
325
0.5
0.05
23.1
7
0.09
*
BZX84A36
35.64
36
36.36
2.0
90
350
0.5
0.05
25.2
6.9
0.09
*
BZX84A39
38.61
39
39.39
2.0
130
350
0.5
0.05
27.3
6.4
0.09
*
BZX84A43
42.57
43
43.43
2.0
150
375
0.5
0.05
30.1
5.8
0.10
*
BZX84A47
46.53
47
47.47
2.0
170
375
0.5
0.05
32.9
5.3
0.10
*
LEAD CODE:
1) Anode
2) No Connection
3) Cathode
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C), VF=0.9V MAX @ IF=10mA (for all types)
* Consult Factory
www.centr a lsemi.com
R0 (28-April 2011)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com