Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS307 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BTS307
Description  Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS307 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BTS307 Datasheet HTML 1Page - Siemens Semiconductor Group BTS307 Datasheet HTML 2Page - Siemens Semiconductor Group BTS307 Datasheet HTML 3Page - Siemens Semiconductor Group BTS307 Datasheet HTML 4Page - Siemens Semiconductor Group BTS307 Datasheet HTML 5Page - Siemens Semiconductor Group BTS307 Datasheet HTML 6Page - Siemens Semiconductor Group BTS307 Datasheet HTML 7Page - Siemens Semiconductor Group BTS307 Datasheet HTML 8Page - Siemens Semiconductor Group BTS307 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BTS 307
Semiconductor Group
2
Pin
Symbol
Function
1
GND
-
Logic ground
2
IN
I
Input, activates the power switch in case of logical high signal
3Vbb
+
Positive power supply voltage,
the tab is shorted to this pin
4
ST
S
Diagnostic feedback
5
OUT
(Load, L)
O
Output to the load
Maximum Ratings at Tj = 25 °C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 3)
Vbb
65
V
Supply voltage for full short circuit protection2)
Tj Start=-40 ...+150°C
Vbb
40
V
Load current (Short circuit current, see page 4)
IL
self-limited
A
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Power dissipation (DC), TC
≤ 25 °C
Ptot
50
W
Electrostatic discharge capability (ESD)
IN, ST:
(Human Body Model)
all other pins:
VESD
1.0
tbd (>1.0)
kV
Input voltage (DC)
VIN
-0.5 ... +36
V
Current through input pin (DC)
Current through status pin (DC)
see internal circuit diagrams page 6
IIN
IST
±2.0
±5.0
mA
Thermal Characteristics
Parameter and Conditions
Symbol
Values
Unit
min
typ
max
Thermal resistance
chip - case:
junction - ambient (free air):
RthJC
RthJA
--
--
--
--
2.5
75
K/W
2)
Status fault signal in case of short to GND. Internal thermal shutdown after several milliseconds. External
shutdown in response to the status fault signal in less than about 1 ms necessary, if the device is used with
higher Vbb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com