Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3208 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 1N3208
Description  15 Amp Stud-mounted Silicon Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N3208 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N3208 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. 1N3208 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 1N3208

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N3208 IRF-1N3208 Datasheet
93Kb / 4P
15 Amp Stud-mounted Silicon Rectifier Diodes
logo
Microsemi Corporation
1N3208 MICROSEMI-1N3208 Datasheet
162Kb / 3P
SILICON POWER RECTIFIER
logo
Vishay Siliconix
1N3208 VISHAY-1N3208 Datasheet
80Kb / 4P
Stud-Mounted Silicon Rectifier Diodes, 15 A
24-Jun-08
logo
New Jersey Semi-Conduct...
1N3208 NJSEMI-1N3208 Datasheet
100Kb / 1P
Silicon Power Rectifiers
logo
America Semiconductor, ...
1N3208 AMERICASEMI-1N3208 Datasheet
408Kb / 2P
DEVICE HIGH POWER STANDARD
More results

Similar Description - 1N3208

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5818 NTE-NTE5818 Datasheet
18Kb / 2P
Silicon Power Rectifier Stud Mount, Fast Recovery, 12 Amp
NTE5940 NTE-NTE5940 Datasheet
24Kb / 3P
Silicon Power Rectifier Diode, 15 Amp
logo
Fuji Electric
KBPC15005 FUJI-KBPC15005 Datasheet
757Kb / 1P
15 AMP SILICON BRIDGE RECTIFIER
logo
International Rectifier
1N3208 IRF-1N3208 Datasheet
93Kb / 4P
15 Amp Stud-mounted Silicon Rectifier Diodes
logo
List of Unclassifed Man...
1N5390 ETC-1N5390 Datasheet
38Kb / 2P
1.5 Amp. Silicon Rectifier Diodes
logo
TRANSYS Electronics Lim...
1N5826 TEL-1N5826 Datasheet
118Kb / 2P
SCHOTTKY DIODES STUD TYPE 15 A
logo
Vishay Siliconix
1N3208 VISHAY-1N3208 Datasheet
80Kb / 4P
Stud-Mounted Silicon Rectifier Diodes, 15 A
24-Jun-08
VS-1N3208 VISHAY-VS-1N3208 Datasheet
134Kb / 5P
Silicon Rectifier Diodes, (Stud Version) 15 A
12-Nov-15
logo
List of Unclassifed Man...
ACK-10 ETC1-ACK-10 Datasheet
1Mb / 3P
Stud-mounted fuses
logo
Vishay Siliconix
VS-1N3208 VISHAY-VS-1N3208_V01 Datasheet
131Kb / 5P
Silicon Rectifier Diodes, (Stud Version) 15 A
11-Jan-18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com