Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPT8099 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT8099
Description  SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT8099 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT8099 Datasheet HTML 1Page - Central Semiconductor Corp CMPT8099 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPT8099 NPN
CMPT8599 PNP
SURFACE MOUNT
COMPLEMENTARY
SILICON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT8099 and
CMPT8599 are complementary silicon transistors
manufactured by the epitaxial planar process, epoxy
molded in a surface mount package, designed for
general purpose audio amplifier applications.
MARKING CODES: CMPT8099: CKB
CMPT8599: C2W
SOT-23 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
CMPT8099
CMPT8599
UNITS
Collector-Base Voltage
VCBO
80
80
V
Collector-Emitter Voltage
VCEO
80
80
V
Emitter-Base Voltage
VEBO
6.0
5.0
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMPT8099
CMPT8599
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=80V
0.1
0.1
µA
IEBO
VBE=6.0V
0.1
-
µA
IEBO
VBE=4.0V
-
0.1
µA
BVCBO
IC=100µA
80
80
V
BVCEO
IC=10mA
80
80
V
BVEBO
IE=10µA
6.0
5.0
V
VCE(SAT)
IC=100mA, IB=5.0mA
0.4
0.4
V
VCE(SAT)
IC=100mA, IB=10mA
0.3
0.3
V
VBE(ON)
VCE=5.0V, IC=10mA
0.6
0.8
0.6
0.8
V
hFE
VCE=5.0V, IC=1.0mA
100
300
100
300
hFE
VCE=5.0V, IC=10mA
100
100
hFE
VCE=5.0V, IC=100mA
75
75
fT
VCE=5.0V, IC=10mA, f=100MHz
150
150
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
6.0
4.5
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
25
30
pF
R5 (1-February 2010)
www.centra lsemi.com


Similar Part No. - CMPT8099

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT8099 CENTRAL-CMPT8099_15 Datasheet
328Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - CMPT8099

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA06 CENTRAL-CMPTA06 Datasheet
121Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMKT2207 CENTRAL-CMKT2207_10 Datasheet
498Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT3904 CENTRAL-CMPT3904_10 Datasheet
332Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT4401 CENTRAL-CMPT4401_10 Datasheet
329Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CXT3904 CENTRAL-CXT3904_10 Datasheet
292Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CTLT3410-M621 CENTRAL-CTLT3410-M621_15 Datasheet
659Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CXT3410 CENTRAL-CXT3410_15 Datasheet
292Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT3904E CENTRAL-CMPT3904E_15 Datasheet
336Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT5087E CENTRAL-CMPT5087E_15 Datasheet
335Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CZT3904 CENTRAL-CZT3904_15 Datasheet
535Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com