Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5CE10 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 1.5CE10
Description  UNI-DIRECTIONAL AND BI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSORS 1500 WATTS, 6.8 THRU 440 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1.5CE10 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1.5CE10 Datasheet HTML 1Page - Central Semiconductor Corp 1.5CE10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.5CE6.8A THRU 1.5CE440A
1.5CE6.8CA THRU 1.5CE440CA
UNI-DIRECTIONAL
AND BI-DIRECTIONAL
SILICON TRANSIENT
VOLTAGE SUPPRESSORS
1500 WATTS, 6.8 THRU 440 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1.5CE6.8A (Uni-
Directional) and 1.5CE6.8CA (Bi-Directional) Series
types are Transient Voltage Suppressors designed to
protect voltage sensitive components from high voltage
transients.
THIS DEVICE IS MANUFACTURED WITH A GLASS
PASSIVATED CHIP FOR OPTIMUM RELIABILITY.
Note: For Uni-Directional devices add suffix “A” to part
number. For Bi-Directional devices add suffix “CA” to
part number.
MARKING: FULL PART NUMBER
Bi-directional devices shall not be
marked with a Cathode band.
MAXIMUM RATINGS: (TL=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Power Dissipation (Note 1)
PPK
1500
W
Steady State Power Dissipation (TL=75°C, L.L.=3/8”)
PD
5.0
W
Forward Surge Current (Uni-Directional only)
IFSM
200
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +175
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
TYPE
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
IT
WORKING
PEAK
REVERSE
VOLTAGE
VRWM
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR @ VRWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
PEAK
PULSE
CURRENT
(Note 1)
IPP
MAXIMUM
TEMPERATURE
COEFFICIENT
ΘVBR
MIN
V
NOM
V
MAX
V
mA
V
µA
V
A
% / °C
1.5CE6.8
6.45
6.8
7.14
10
5.8
1000
10.5
143
0.057
1.5CE7.5
7.13
7.5
7.88
10
6.4
500
11.3
132
0.061
1.5CE8.2
7.79
8.2
8.61
10
7.02
200
12.1
124
0.065
1.5CE9.1
8.65
9.1
9.55
1.0
7.78
50
13.4
112
0.068
1.5CE10
9.5
10
10.5
1.0
8.55
10
14.5
103
0.073
1.5CE11
10.5
11
11.6
1.0
9.4
5.0
15.6
96
0.075
1.5CE12
11.4
12
12.6
1.0
10.2
5.0
16.7
90
0.078
1.5CE13
12.4
13
13.7
1.0
11.1
5.0
18.2
82
0.081
1.5CE15
14.3
15
15.8
1.0
12.8
5.0
21.2
71
0.084
1.5CE16
15.2
16
16.8
1.0
13.6
5.0
22.5
67
0.086
1.5CE18
17.1
18
18.9
1.0
15.3
5.0
25.2
59.5
0.088
1.5CE20
19.0
20
21.0
1.0
17.1
5.0
27.7
54
0.090
1.5CE22
20.9
22
23.1
1.0
18.8
5.0
30.6
49
0.092
1.5CE24
22.8
24
25.2
1.0
20.5
5.0
33.2
45
0.094
1.5CE27
25.7
27
28.4
1.0
23.1
5.0
37.5
40
0.096
1.5CE30
28.5
30
31.5
1.0
25.6
5.0
41.4
36
0.097
1.5CE33
31.4
33
34.7
1.0
28.2
5.0
45.7
33
0.098
1.5CE36
34.2
36
37.8
1.0
30.8
5.0
49.9
30
0.099
1.5CE39
37.1
39
41
1.0
33.3
5.0
53.9
28
0.100
1.5CE43
40.9
43
45.2
1.0
36.8
5.0
59.3
25.3
0.101
Notes: (1) Non-repetitive 10x1,000µs pulse.
DO-201 CASE
R1 (8-September 2011)
www.centr a lsemi.com


Similar Part No. - 1.5CE10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5CE10 CENTRAL-1.5CE10 Datasheet
336Kb / 2P
SILICON TRANSIENT VOLTAGE SUPPRESSORS
1.5CE100 CENTRAL-1.5CE100 Datasheet
336Kb / 2P
SILICON TRANSIENT VOLTAGE SUPPRESSORS
1.5CE100A CENTRAL-1.5CE100A Datasheet
77Kb / 2P
1.5W TRANSIENT SUPPRESSOR
1.5CE100CA CENTRAL-1.5CE100CA Datasheet
77Kb / 2P
1.5W TRANSIENT SUPPRESSOR
1.5CE10A CENTRAL-1.5CE10A Datasheet
77Kb / 2P
1.5W TRANSIENT SUPPRESSOR
More results

Similar Description - 1.5CE10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
15SMC68A CENTRAL-15SMC68A Datasheet
146Kb / 2P
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
15SMC68CA CENTRAL-15SMC68CA Datasheet
146Kb / 2P
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
P6SMB68A CENTRAL-P6SMB68A Datasheet
123Kb / 2P
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
P6SMB68CA CENTRAL-P6SMB68CA Datasheet
91Kb / 2P
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Microsemi Corporation
SMCGJ6036 MICROSEMI-SMCGJ6036 Datasheet
257Kb / 4P
5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors
logo
Solid States Devices, I...
ST1.5KPS6.8 SSDI-ST1.5KPS6.8 Datasheet
201Kb / 4P
1,500 WATTS PEAK PULSE POWER 6.8 - 440 VOLTS UNI-DIRECTIONAL AND BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
P6KE6.8A CENTRAL-P6KE6.8A Datasheet
425Kb / 2P
UNI-DIRECTIONAL AND BI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSORS 600 WATTS, 6.8 THRU 440 VOLTS
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATTS, 8.5 THRU 170 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com