Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB140DS48 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LB140DS48
Description  140MHz SAW Filter 40MHz Bandwidth
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS48 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LB140DS48 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 3Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 4Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 5Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 6Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 7Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 8Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 9Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB140DS48
Rev. Date
2010-06-25
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
3.1
Page 1/9
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
140MHz SAW Filter
40MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LB140DS48
Features
For IF SAW filter
Ceramic Surface Mount Package
Small size
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
(single-
ended)
Typical
(balance)
Typical
(single-
balance)
Typical
(balance
-single)
Maximum
Center Frequency
MHz
-
140
140
140
140
-
Insertion Loss
dB
-
11.6
11.6
11.1
11.6
13.5
2 dB Bandwidth
MHz
40
44
44
44.1
44
-
Passband Variation(f0±20MHz)
dB
-
0.8
1.1
1
0.9
2
Group Delay Variation(f0±20MHz)
nsec
-
35
39
50
35
100
Absolute Delay
usec
-
0.27
0.27
0.27
0.27
0.5
Input/output return loss(f0±20MHz)
dB
-
4.7/5.4
6.7/6.4
3.8/5.8
4.6/6.8
-
10~70MHz
dB
-
48
70
68
60
-
70~115MHz
dB
-
27
24
25
26
-
165~200MHz
dB
-
9
8
8
9
-
Ultimate Rejection
200~1000MHz
dB
-
53
43
55
50
-
Material Temperature coefficient
KHz/°C
-11.48
Substrate Material
-
128LN
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-50
-
+125
DC Voltage
V
0
Input Power
dBm
-
-
25
ESD Class
-
1A
Package Size
SMD3.8*3.8
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LB140DS48

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS48 SIPAT-LB140DS48 Datasheet
367Kb / 9P
140MHz SAW Filter
More results

Similar Description - LB140DS48

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN140A35 SIPAT-LBN140A35 Datasheet
152Kb / 3P
140MHz SAW Filter 40MHz Bandwidth
LBN19203 SIPAT-LBN19203 Datasheet
141Kb / 3P
192MHz SAW Filter 40MHz Bandwidth
LBT190001 SIPAT-LBT190001 Datasheet
174Kb / 3P
1900MHz SAW Filter 40MHz Bandwidth
LB140DS17 SIPAT-LB140DS17 Datasheet
155Kb / 3P
140MHz SAW Filter 24MHz Bandwidth
LB140DS51 SIPAT-LB140DS51 Datasheet
319Kb / 3P
140MHz SAW Filter 23.9MHz Bandwidth
LBN140A60 SIPAT-LBN140A60 Datasheet
196Kb / 3P
140MHz SAW Filter 29MHz Bandwidth
LBN13011 SIPAT-LBN13011 Datasheet
136Kb / 3P
130MHz SAW Filter 40MHz Bandwidth
LBT144701 SIPAT-LBT144701 Datasheet
172Kb / 3P
1447MHz SAW Filter 40MHz Bandwidth
LBN13011 SIPAT-LBN13011 Datasheet
136Kb / 3P
130MHz SAW Filter 40MHz Bandwidth
LBN19203 SIPAT-LBN19203 Datasheet
141Kb / 3P
192MHz SAW Filter 40MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com