Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN24005 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN24005
Description  240MHz SAW Filter 59MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN24005 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN24005 Datasheet HTML 1Page - SIPAT Co,Ltd LBN24005 Datasheet HTML 2Page - SIPAT Co,Ltd LBN24005 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBN24005
Rev. Date
2011-05-23
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
240MHz SAW Filter
59MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN24005
Typical Performance
Frequency Response
Passband Response
140
160
180
200
220
240
260
280
300
320
340
-124.1111
-114.1111
-104.1111
-94.1111
-84.1111
-74.1111
-64.1111
-54.1111
-44.1111
-34.1111
-24.1111
Type Performance
Frequency(MHz)
180
200
220
240
260
280
300
-36.6111
-36.1111
-35.6111
-35.1111
-34.6111
-34.1111
-33.6111
-33.1111
-32.6111
Type Performance
Frequency(MHz)
Horizontal: 20MHz/Div
Vertical: 10dB/Div
Horizontal: 20MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±29MHz)
Phase Linearity(f0±29MHz)
190
200
210
220
230
240
250
260
270
280
290
1150
1200
1250
1300
1350
1400
1450
X: 269
Y: 1281
Type Performance
Frequency(MHz)
X: 211
Y: 1303
X: 240
Y: 1305
190
200
210
220
230
240
250
260
270
280
290
-50
-40
-30
-20
-10
0
10
20
30
40
X: 269
Y: 5.554
Type Performance
Frequency(MHz)
X: 211
Y: 5.21
X: 240
Y: -1.315
Horizontal: 10MHz/Div
Vertical: 50ns/Div
Horizontal: 10MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com