Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8624 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8624
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8624 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8624 Datasheet HTML 9Page - Analog Devices AD8624 Datasheet HTML 10Page - Analog Devices AD8624 Datasheet HTML 11Page - Analog Devices AD8624 Datasheet HTML 12Page - Analog Devices AD8624 Datasheet HTML 13Page - Analog Devices AD8624 Datasheet HTML 14Page - Analog Devices AD8624 Datasheet HTML 15Page - Analog Devices AD8624 Datasheet HTML 16Page - Analog Devices AD8624 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADA4096-2
Rev. A | Page 13 of 20
10k
1k
100
10
1
0.1
10
100
1k
10k
100k
1M
10M
0.01
FREQUENCY (Hz)
ADA4096-2
VSY = ±15V
TA = 25°C
G = +100
G = +10
G = +1
Figure 33. Output Impedance vs. Frequency
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
10M
–20
FREQUENCY (Hz)
ADA4096-2
VSY = ±15V
TA = 25°C
PSRR–
PSRR+
Figure 34. PSRR vs. Frequency
15
0
50
100
150
200
250
300
350
400
–15
–10
–5
0
5
10
TIME (µs)
ADA4096-2
VSY = ±15V
TA = 25°C
RL = 10kΩ
CL = 100pF
G = +1
Figure 35. Large Signal Transient Response
0.08
0
5
10
15
20
25
30
–0.10
–0.08
–0.06
–0.02
–0.04
0
0.02
0.04
0.06
TIME (µs)
ADA4096-2
VSY = ±15V
TA = 25°C
RL = 10kΩ
CL = 100pF
G = +1
Figure 36. Small Signal Transient Response
16
12
14
10
8
6
4
2
0
20
40
60
80
100
0
TIME (µs)
ADA4096-2
VSY = ±15V
TA = 25°C
RF = 10kΩ
RS = 100Ω
Figure 37. Positive Overload Recovery
0
–4
–2
–6
–8
–10
–12
–14
0
20
40
60
80
100
–16
TIME (µs)
ADA4096-2
VSY = ±15V
TA = 25°C
RF = 10kΩ
RS = 100Ω
Figure 38. Negative Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com