Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8021 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8021
Description  1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8021 Datasheet HTML 10Page - Analog Devices AD8021 Datasheet HTML 11Page - Analog Devices AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices AD8021 Datasheet HTML 15Page - Analog Devices AD8021 Datasheet HTML 16Page - Analog Devices AD8021 Datasheet HTML 17Page - Analog Devices AD8021 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADA4896-2/ADA4897-1
Rev. 0 | Page 14 of 28
–240
–220
–200
–180
–160
–140
–120
–100
–80
–20
–10
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
MAGNITUDE
PHASE
Figure 20. Open-Loop Gain and Phase vs. Frequency
0
1
2
3
4
5
6
7
8
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
5M
VS = ±5V
Figure 21. Voltage Noise vs. Frequency
1
10
100
1
10
100
FREQUENCY (Hz)
1k
10k
100k
1M
5M
VS = ±5V
Figure 22. Current Noise vs. Frequency
0
2
4
6
8
10
12
14
16
18
–600
–400
–200
0
200
400
600
800
1000
OFFSET DRIFT DISTRIBUTION (nV/°C)
VS = ±5V
100 UNITS
σ = 309.2µV/°C
Figure 23. Input Offset Voltage Drift Distribution
–10
0
10
G = +1
VOUT = 20mV p-p
TIME = 100ns/DIV
VS = +5V
VS = +3V
VS = ±5V
Figure 24. Small Signal Transient Response for Various Supplies
–10
0
10
CL = 39pF
CL = 0pF
CL = 20pF
VS = ±5V
G = +2
TME = 100ns/DIV
Figure 25. Small Signal Transient Response for Various Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com