Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7944 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7944
Description  1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7944 Datasheet HTML 20Page - Analog Devices AD7944 Datasheet HTML 21Page - Analog Devices AD7944 Datasheet HTML 22Page - Analog Devices AD7944 Datasheet HTML 23Page - Analog Devices AD7944 Datasheet HTML 24Page - Analog Devices AD7944 Datasheet HTML 25Page - Analog Devices AD7944 Datasheet HTML 26Page - Analog Devices AD7944 Datasheet HTML 27Page - Analog Devices AD7944 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADA4896-2/ADA4897-1
Rev. 0 | Page 24 of 28
LNA
LNA
AD7982
18-BIT ADC
2.5V
2.5V
4nF
50Ω
50Ω
I
CHANNEL H
CHANNEL A
LO
GENERATION
4
CWI+
CWI–
AD9279
CFILT
CFILT
RFILT
1.5V
1.5V
RFILT
RA
RA
RA
AD7982
18-BIT ADC
2.5V
2.5V
4nF
50Ω
50Ω
Q
CWQ+
CWQ–
CFILT
CFILT
RFILT
1.5V
1.5V
RFILT
Φ
Φ
Φ
Φ
ADA4896-2/
ADA4897-1
ADA4896-2/
ADA4897-1
ADA4896-2/
ADA4897-1
ADA4896-2/
ADA4897-1
Figure 54. Using the ADA4896-2/ADA4897-1 as Filters, I-to-V Converters, Current Summers, and ADC Drivers After the I/Q Outputs of the AD9279
LAYOUT CONSIDERATIONS
To ensure optimal performance, careful and deliberate attention
must be paid to the board layout, signal routing, power supply
bypassing, and grounding.
GROUND PLANE
It is important to avoid ground in the areas under and around
the input and output of the ADA4896-2/ADA4897-1. Stray
capacitance created between the ground plane and the input
and output pads of a device are detrimental to high speed
amplifier performance. Stray capacitance at the inverting
input, along with the amplifier input capacitance, lowers the
phase margin and can cause instability. Stray capacitance at
the output creates a pole in the feedback loop. This can reduce
phase margin and can cause the circuit to become unstable.
POWER SUPPLY BYPASSING
Power supply bypassing is a critical aspect in the performance
of the ADA4896-2/ADA4897-1. A parallel connection of capac-
itors from each of the power supply pins to ground works best.
Smaller value capacitors offer better high frequency response,
whereas larger value electrolytics offer better low frequency
performance. Paralleling different values and sizes of capacitors
helps to ensure that the power supply pins are provided a low ac
impedance across a wide band of frequencies. This is important for
minimizing the coupling of noise into the amplifier. This can be
especially important when the amplifier PSR is starting to roll
off—the bypass capacitors can help lessen the degradation in
PSR performance.
Starting directly at the ADA4896-2/ADA4897-1 power supply
pins, the smallest value capacitor should be placed on the same
side of the board as the amplifier, and as close as possible to the
amplifier power supply pin. The ground end of the capacitor
should be connected directly to the ground plane. Keeping the
capacitor’s distance short but equal from the load is important
and can improve distortion performance. This process should
be repeated for the next largest value capacitor.
It is recommended that a 0.1 μF ceramic 0508 case be used. The
0508 case size offers low series inductance and excellent high
frequency performance. A 10 μF electrolytic capacitor should be
placed in parallel with the 0.1 μF capacitor. Depending on the
circuit parameters, some enhancement to performance can be
realized by adding additional capacitors. Each circuit is different
and should be individually analyzed for optimal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com