Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR601 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AVR601
Description  Atmel Modular Evaluation Kits for Motor Control Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR601 Datasheet(HTML) 2 Page - ATMEL Corporation

  AVR601 Datasheet HTML 1Page - ATMEL Corporation AVR601 Datasheet HTML 2Page - ATMEL Corporation AVR601 Datasheet HTML 3Page - ATMEL Corporation AVR601 Datasheet HTML 4Page - ATMEL Corporation AVR601 Datasheet HTML 5Page - ATMEL Corporation AVR601 Datasheet HTML 6Page - ATMEL Corporation AVR601 Datasheet HTML 7Page - ATMEL Corporation AVR601 Datasheet HTML 8Page - ATMEL Corporation AVR601 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
7803A–AVR–10/08
AVR601
The offering includes one low voltage power board, three processor boards and the associated
firmware. These four boards as shown on figure 2:
• MC300 is the low voltage power board (max 40V).
• MC301 is the processor board with the low cost ATtinyx61
• MC303 is the processor board with the new high performance XMEGA™
• MC310 is the processor board with the ATMega32M1 (with CAN interface)
• More processor boards will become available in the future
Figure 1-2.
Motor control Boards offering
The Atmel Motor Control Interface bus (AMCI bus) shown on Figure 1-3, allows the communica-
tion between the power board and the processor board; most motor types are supported by this
interface:
• BLDC and BLAC motors
• AC induction motors
• Switch reluctance motors
• Stepper motors
The AMCI bus uses three 8 bit connectors and one 8/16 bit connector.
The interface supports up to four phases (U, V, W, X), each with half bridge control and both
voltage and current feedback. With three phase motors, the free X channel can be used for a
brake function.
The interface also supports Hall sensors, speed, temperature and fault signals and also allows
the control of the PFC (Power Factor Correction) from the CPU board. All signals are logic sig-
nals or analog signals scaled to reach the digital Vcc.
MC303
MC301
MC310
MC300



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com