Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-501 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VC-501
Description  Voltage Controlled Crystal Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-501 Datasheet(HTML) 1 Page - Vectron International, Inc

  VC-501 Datasheet HTML 1Page - Vectron International, Inc VC-501 Datasheet HTML 2Page - Vectron International, Inc VC-501 Datasheet HTML 3Page - Vectron International, Inc VC-501 Datasheet HTML 4Page - Vectron International, Inc VC-501 Datasheet HTML 5Page - Vectron International, Inc VC-501 Datasheet HTML 6Page - Vectron International, Inc VC-501 Datasheet HTML 7Page - Vectron International, Inc VC-501 Datasheet HTML 8Page - Vectron International, Inc VC-501 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VC-501
Voltage Controlled Crystal Oscillator
The VC-501 is a voltage controlled crystal oscillator that is housed in a hermetic 14.0 x 9.0 x 4.5mm ceramic package. Depending upon the
frequency and application requirements, one of three various oscillator designs is available for use yielding very low jitter and phase noise
characteristics.
CMOS or LVPECL outputs
•
Output Frequencies from 77.76 MHz to 1 GHz
•
3.3 V Operation
•
Fundamental Crystal, Crystal Multiplier w/SAW, or Fundamental
•
SAW Design for Low Jitter Performance
Output Disable Feature
•
±20ppm Temperature Stability Available
•
0/70°C or -40/85°C Operating Temperature
•
Industry Standard Package, 14.0 x 9.0 x 4.5 mm
•
Product is free of lead and compliant to EC RoHS Directive
•
Features
Applications
Block Diagrams
Description
VC-501
SONET/SDH/DWDM
•
Ethernet, SyncyE, GE
•
xDSL, PCMIA
•
Digital Video
•
Broadband Access
•
Base Stations, Picocells
•
Figure 1a. Crystal-Based
/NC
Figure 1b. Crystal-Based Multiplier w/SAW
Vcc
Output
Vc
E/D
Gnd
SAW
X=1,2,4
1
X
Figure 1c. SAW-Based
Complementary
Output
Page1
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Rev: 6/30/2011


Similar Part No. - VC-501

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-501 VECTRON-VC-501 Datasheet
155Kb / 6P
Voltage Controlled Crystal Oscillator
More results

Similar Description - VC-501

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVXO-918T CRYSTEKCRYSTAL-CVXO-918T Datasheet
113Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
Voltage Controlled Crystal Oscillator
CVXO-016T CRYSTEKCRYSTAL-CVXO-016T_15 Datasheet
72Kb / 1P
Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Silicon Laboratories
SI515 SILABS-SI515 Datasheet
1Mb / 22P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR
logo
Fronter Electronics Co....
VCXO-SMD7050 FRONTER-VCXO-SMD7050 Datasheet
194Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Epson Company
VG2520CAN EPSON-VG2520CAN Datasheet
600Kb / 2P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com