Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49RA1 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT49RA1
Description  Remote Type 8-Bit MCU with LCD
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49RA1 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT49RA1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49RA1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
Pin Description
Pin Name
I/O
Configuration
Option
Description
PA0~PA7
I/O
¾
Bidirectional NMOS 8-bit input/output port. Each bit can be chosen as an
NMOS output or Schmitt trigger input using software instructions. Pull-high
resistors are permanently connected to these pins.
PB0/INT0
PB1/INT1
PB2/TMR0
PB3/TMR1
PB4~PB7
I
Wake-up
8-bit Schmitt trigger input lines with pull-high resistors. Each bit can be con-
figured as a wake-up input via configuration options. Pins PB0, PB1, PB2
and PB3 are pin-shared with INT0, INT1, TMR0 and TMR1 respectively
PC0/REM
I/O
Carrier Output
Pull-high
Bidirectional I/O port. PC0 can be configured as a CMOS output pin or car-
rier output pin using a configuration option.
PD0/SEG0~
PD3/SEG3
I/O
¾
Bidirectional NMOS 4-bit input/output port. Each bit can be chosen as an
NMOS output or Schmitt trigger input using software instructions. Each pin
on this port can be configured either as a segment pin or normal I/O pin us-
ing the LCDC register. When used as I/O pins pull-high resistors are perma-
nently connected to these pins.
OSC1
I
¾
A resistor is connected between OSC1 and ground to implement the internal
system clock.
OSC3
OSC4
I
O
¾
Real time clock oscillator. OSC3 and OSC4 are connected to a 32768Hz
crystal oscillator for timing purpose. It is not used as the system clock. If the
RTC is not selected as fS. then OSC3, OSC4 should be left floating.
VLCD
¾¾
LCD power supply. VLCD should be larger than VDD for connect operation
i.e. VLCD
³ VDD
V1, V2, C1, C2
LCD voltage pump
COM0~COM2
COM3/SEG32
O
1/2, 1/3or1/4
Duty
COM0~COM2 are the LCD panel common connections. Pin COM3/SEG32
can be setup as an LCD panel segment or as a common output driver via
configuration options.
SEG4~SEG11
O
¾
LCD panel segments driver outputs.
SEG12~SEG19
O
SEG12~SEG19
CMOS Output
LCD panel segments driver outputs . SEG12~SEG19 can be setup as LCD
segment outputs or as CMOS output via a configuration option.
SEG20~SEG31
O
¾
LCD panel segments driver outputs.
RES
I
¾
Schmitt Trigger reset input. Active low.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
Note:
Each pin on PB can be programmed through a configuration option to have a wake-up function.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT49RA1/HT49CA1
Rev. 1.00
4
May 7, 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com