Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F03T3 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT66F03T3
Description  8-Bit Flash MCU with RF Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F03T3 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT66F03T3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT66F03T3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F03T3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F03T3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F03T3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F03T3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F03T3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F03T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F03T3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Pin Assignment
Pin Description
HT66F03T3
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
PA0~PA7
Port A
PAWU
PAPU
ST
CMOS
¾
AN0~AN3
A/D Converter input
ACERL
AN
¾
PA0~PA3
VREF
A/D Converter reference input
ADCR1
AN
¾
PA1
C-
Comparator input
CPC
AN
¾
PA1
C+
Comparator input
AN
¾
PA0
CX
Comparator output
¾
CMOS
PA2
TCK0
TM0 input
PRM
ST
¾
PA4, PA6 or PA7
TCK1
TM1 input
PRM
ST
¾
PA3 or PA7
TP0
TM0 I/O
PRM
ST
CMOS
PA3, PA5 or PA2
TP1
TM1 I/O
PRM
ST
CMOS
PA4, PA6 or PA7
INT
External interrupt
PRM
ST
¾
PA3 or PA7
OSC1
HXT/ERC/LXT pin
CO
HXT/LXT
¾
PA6
OSC2
HXT/LXT pin
CO
¾
HXT/LXT
PA5
RES
Reset input
CO
ST
¾
PA7
VDD
MCU power supply
¾
PWR
¾¾
VSS
MCU ground
¾
PWR
¾¾
PAOUT
RF power amplifier output
¾
PWR
NSO
¾
DOUT
Data Output
PAWU
PAPU
ST
CMOS
PA4
CREF
RF transmitter synnchronising signal
¾¾
CMOS
¾
XOUT
RF transmitter crystal pin
¾¾
HXT
¾
XIN
RF transmitter crystal pin
¾
HXT
¾¾
AVDD
RF transmitter power supply
¾
PWR
¾¾
AVSS
RF transmitter ground
¾
PWR
¾¾
Note:
I/T: Input type; O/T: Output type
OP: Optional by configuration option (CO) or register option
PWR: Power; CO: Configuration option; ST: Schmitt Trigger input; NS: non-standard input
CMOS: CMOS output; NMOS: NMOS output
SCOM: Software controlled LCD COM; AN: Analog input pin
HXT: High frequency crystal oscillator
LXT: Low frequency crystal oscillator
NSO: Non-standard output
Rev. 1.30
4
July 4, 2011
HT66F03T3/HT68F03T3
8-Bit Flash MCU with RF Transmitter
H T 6 8 F 0 3 T 3
1 6 N S O P - C
P A 7 / [ I N T ] / [ T C K 0 ] / [ T C K 1 ] / [ T P 1 ] / R E S
V D D
P A 6 / [ T C K 0 ] / [ T P 1 ] / O S C 1
P A 5 / [ T P 0 ] / O S C 2
P A 4 / T C K 0 / T P 1 / D O U T
A V D D
A V S S
P A O U T
V S S
P A 0 / C +
P A 1 / C - / V R E F
P A 2 / C X / [ T P 0 ]
P A 3 / I N T / T C K 1 / T P 0
X O U T
X I N
C R E F
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
H T 6 6 F 0 3 T 3
1 6 N S O P - C
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
P A 7 / [ I N T ] / [ T C K 0 ] / [ T C K 1 ] / [ T P 1 ] / R E S
V D D
P A 6 / [ T C K 0 ] / [ T P 1 ] / O S C 1
P A 5 / [ T P 0 ] / O S C 2
P A 4 / T C K 0 / T P 1 / D O U T
A V D D
A V S S
P A O U T
V S S
P A 0 / C + / A N 0
P A 1 / C - / A N 1 / V R E F
P A 2 / C X / [ T P 0 ] / A N 2
P A 3 / I N T / T C K 1 / T P 0 / A N 3
X O U T
X I N
C R E F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com