Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7733S Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7733S
Description  100mA PFM Synchronous Step-up DC/DC Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7733S Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7733S Datasheet HTML 1Page - Holtek Semiconductor Inc HT7733S Datasheet HTML 2Page - Holtek Semiconductor Inc HT7733S Datasheet HTML 3Page - Holtek Semiconductor Inc HT7733S Datasheet HTML 4Page - Holtek Semiconductor Inc HT7733S Datasheet HTML 5Page - Holtek Semiconductor Inc HT7733S Datasheet HTML 6Page - Holtek Semiconductor Inc HT7733S Datasheet HTML 7Page - Holtek Semiconductor Inc HT7733S Datasheet HTML 8Page - Holtek Semiconductor Inc HT7733S Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Rev. 1.00
4
February 22, 2012
HT77xxS
Application Circuits
Without CE Pin
GND
LX
VOUT
HT77xxS
VIN
L
CIN
COUT
VOUT
10μH
10μF
10μF
With CE Pin
GND
LX
CE
VOUT
HT77xxS
VIN
L
CIN
COUT
VOUT
10μH
10μF
10μF
VOUT
GND
LX
CE
VOUT
HT77xxS
VIN
L
COUT
VOUT
10μH
10μF
CIN
10μF
List of Components
Component
Reference
Part Number
Manufacturer
Value
CIN, COUT
GJ831CR61E106KE83L
Murata
10μF, 25V. X5R Ceramic
L
SR0302100MLB
ABC Taiwan Electronics Corp. 10μH, RDC= 0.25Ω.
Wire Wound Chip Power Inductor
L
LBC3225T100MR
TAIYO YUDEN
10μH, RDC= 0.133Ω.
Multi-layered Chip Power Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com