Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83004 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT83004
Description  Q-VoiceTM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83004 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT83004 Datasheet HTML 16Page - Holtek Semiconductor Inc HT83004 Datasheet HTML 17Page - Holtek Semiconductor Inc HT83004 Datasheet HTML 18Page - Holtek Semiconductor Inc HT83004 Datasheet HTML 19Page - Holtek Semiconductor Inc HT83004 Datasheet HTML 20Page - Holtek Semiconductor Inc HT83004 Datasheet HTML 21Page - Holtek Semiconductor Inc HT83004 Datasheet HTML 22Page - Holtek Semiconductor Inc HT83004 Datasheet HTML 23Page - Holtek Semiconductor Inc HT83004 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Application Circuits
Single PWM Mode
HT83XXX
Rev. 1.60
20
November 19, 2008
Mask Option
Mask Option
Description
PA Wake-up
Enable or disable PA wake-up function
Watchdog Timer (WDT)
Enable or disable WDT function
WDT clock source is from WDTOSC or T1
PA Pull-high
Enable or disable PA pull-high
PB Pull-high
Enable or disable PB pull-high
OSC Option
Crystal or Resistor type
fOSC
- RTYPICAL Table (VDD=3V)
fOSC
RTYPICAL
4MHz
±10%
6MHz
±10%
8MHz
±10%
275k
W
188k
W
144k
W
R E S
V D D
O S C 1
H T 8 3 X X X
V D D
V S S
V D D
S p e a k e r
( 8 W / 1 6 W )
P W M 1
P W M 2
V D D P
V S S P
4 7 m F
P A 0 ~ P A 7
C
0 . 1 m F
V D D
1 0 0 k W
P B 0 ~ P B 3
R O S C
V D D
S p e a k e r
( 8 W / 1 6 W )
R E S
V D D
O S C 1
H T 8 3 X X X
V D D
V S S
V D D
P W M 1
V D D P
V S S P
4 7 m F
C
0 . 1 m F
V D D
1 0 0 k W
O S C 2
Q 2
N P N B C E
P A 0 ~ P A 7
P B 0 ~ P B 3
4 M H z ~ 8 M H z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com