Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83010 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT83010
Description  Q-VoiceTM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83010 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT83010 Datasheet HTML 15Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 16Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 17Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 18Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 19Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 20Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 21Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 22Page - Holtek Semiconductor Inc HT83010 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
HT83XXX
Rev. 1.60
19
November 19, 2008
Pulse Width Modulation Output
- PWML/PWMH (27H/28H)
The HT83XXX provide one 12-bit PWM interface for driving an external 8
W speaker. The programmer must write the
voice data to register PWML/PWMH (27H/28H)
Pulse Width Modulation Control Register
- PWMCR (26H)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3 (R/W)
Bit 2 (R/W)
Bit 1
Bit 0 (R/W)
MSB_SIGN
¾¾¾
Single_PWM
VROMC
¾
PWMC
S y s t e m C l o c k
P r e s c a l e r
P W M D a t a
B u f f e r ( 2 8 H )
7 B i t s C o u n t e r
( B i t 6 ~ B i t 0 )
O v e r f l o w
P W M 1 f o r S p e a k e r
F 0
S t a r t b i t
2 6 H . 0
D i v .
P W M I
F 2
C K
P E
D
C K
R
V D D
F 1
Q
Q
P W M 2 f o r S p e a k e r
B i t 7 ( s i g n b i t )
D a t a B u s
PWM
PWMC: Start bit of PWM output
· PWM start counter: 0 to 1
· PWM stop counter: 1 to 0
After waiting one cycle end , stop the PWM counter and
keep in low signal
VROMC: Enable voice ROM power circuit
(1=enable; 0=disable)
Single_PWM: Driving PWM signal by PWM1 output.
(1=PWM1 output; 0=PWM1/PWM2 output)
The HT83XXX provide an 12-bit (bit 7 is a sign bit, if Sin-
gle_PWM = 0) PWM interface. The PWM provides two
pad outputs: PWM1, PWM2 which can directly drive a
piezo or an 8
W speaker without adding any external ele-
ment (green mode), or using only port PWM1 (Set Sin-
gle_PWM = 1) to drive piezo or an 8
W speaker with
external element.
When Setting Single_PWM= 1, choose voice data7~
data1 as the output data (no sign bit on it).
If the sign bit is 0, then the signal is output to PWM1and
the PWM2 will get a GND level voltage after setting start
bit to 1. If the sign bit is 1, then the signal is output to
PWM2 and the PWM1 will get a GND level voltage after
setting start bit to 1.
PWM output Initial low level , and stop in low level
If PWMC from low to high then start PWM output latch
new data , if no update then keep the old value.
If PWMC from high to low, in duty end, stop PWM output
and stop the counter.
Voice ROM Data Address Latch Counter
The voice ROM data address latch counter is the hand-
shaking between the microcontroller and voice ROM,
where the voice codes are stored. One 8-bit of voice
ROM data will be addressed by setting 18-bit address
latch counter LATCH0H/LATCH0M/LATCH0L. After the
8-bit voice ROM data is addressed, a few instruction cy-
cles (4
ms at least) will be generated to latch the voice
ROM data, then the microcontroller can read the voice
data from LATCHD (2AH).
Example: Read an 8-bit voice ROM data which is lo-
cated at address 000007H by address latch 0
set
[26H].2
; Enable voice ROM circuit
mov
A, 07H
;
mov
LATCH0L, A ; Set LATCH0L to 07H
mov
A, 00H
;
mov
LATCH0M, A ; Set LATCH0M to 00H
mov
A, 00H
;
mov
LATCH0H, A ; Set LATCH0H to 00H
call
Delay Time
; Delay a short period of time
mov
A, LATCHD
; Get voice data at 000007H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com