Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83038 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT83038
Description  Q-VoiceTM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83038 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT83038 Datasheet HTML 1Page - Holtek Semiconductor Inc HT83038 Datasheet HTML 2Page - Holtek Semiconductor Inc HT83038 Datasheet HTML 3Page - Holtek Semiconductor Inc HT83038 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83038 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83038 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83038 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83038 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83038 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
HT83XXX
Q-VoiceTM
Selection Table
Body
HT83004
HT83007
HT83010
HT83020
HT83038
HT83050
HT83074
Voice ROM Size
64K-bit
128K-bit
192K-bit
384K-bit
768K-bit
1024K-bit
1536K-bit
Voice Length
3 sec
6 sec
9 sec
18 sec
36 sec
48 sec
72 sec
Rev. 1.60
1
November 19, 2008
Features
· Operating voltage: 2.4V~5.2V
· Up to 1ms (0.5ms) instruction cycle with 4MHz (8MHz)
system clock
· System clock: 4MHz~8MHz (2.4V)
· Crystal or RC oscillator for system clock
· 12 I/O pins
· 2K´15 program ROM
· 80´8 RAM
· Two 8-bit programmable timer counter with 8-stage
prescaler and one time base counter
· Watchdog Timer
· 4-level subroutine nesting
· HALT function and wake-up feature reduce power
consumption
· PWM circuit direct drive speaker or output by
transistor
· 20-pin SSOP (150mil/209mil) package
28-pin SOP (300mil) package
Applications
· Intelligent educational leisure products
· Alert and warning systems
· Sound effect generators
General Description
The HT83XXX is 8-bit high performance microcontroller
with voice synthesizer and tone generator. The
HT83XXX is designed for applications on multiple I/Os
with sound effects, such as voice and melody. It can pro-
vide various sampling rates and beats, tone levels, tem-
pos for speech synthesizer and melody generator.
The HT83XXX is excellent for versatile voice and sound
effect product applications. The efficient MCU instruc-
tions allow users to program the powerful custom appli-
cations. The system frequency of HT83XXX can be up
to 8MHz under 2.4V and include a HALT function to re-
duce power consumption.
Technical Document
· Tools Information
· FAQs
· Application Note


Similar Part No. - HT83038

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT83036 HOLTEK-HT83036 Datasheet
300Kb / 21P
Q-Voice
August 25, 2003
More results

Similar Description - HT83038

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT84XXX HOLTEK-HT84XXX Datasheet
246Kb / 31P
Magic VoiceTM
April 26, 2000
HT83XXX HOLTEK-HT83XXX Datasheet
300Kb / 21P
Q-Voice
August 25, 2003
HT83R074 HOLTEK-HT83R074 Datasheet
263Kb / 38P
Q-Voice
May 17, 2007
HT83XXX HOLTEK-HT83XXX_07 Datasheet
269Kb / 39P
Q-Voice
May 17, 2007
logo
Merrimac Industries, In...
IQF-4F-1500 MERRIMAC-IQF-4F-1500 Datasheet
89Kb / 1P
I&Q NETWORK
IQF-20F-1200B MERRIMAC-IQF-20F-1200B Datasheet
234Kb / 1P
I&Q NETWORKS
IQF-20L-3B MERRIMAC-IQF-20L-3B Datasheet
44Kb / 1P
I&Q NETWORKS
IQG-20E-20B MERRIMAC-IQG-20E-20B Datasheet
107Kb / 1P
I&Q NETWORKS
IQP-4R-10B MERRIMAC-IQP-4R-10B Datasheet
84Kb / 1P
I&Q NETWORKS
logo
ebm-papst
M4Q045-BD03-04 EBMPAPST-M4Q045-BD03-04 Datasheet
1Mb / 5P
Q-MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com