Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA4401 Datasheet(PDF) 3 Page - Protek Devices

Part # PA4401
Description  Click-Pop Suppression Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4401 Datasheet(HTML) 3 Page - Protek Devices

  PA4401 Datasheet HTML 1Page - Protek Devices PA4401 Datasheet HTML 2Page - Protek Devices PA4401 Datasheet HTML 3Page - Protek Devices PA4401 Datasheet HTML 4Page - Protek Devices PA4401 Datasheet HTML 5Page - Protek Devices PA4401 Datasheet HTML 6Page - Protek Devices PA4401 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PA4401
Click-Pop Suppression Device
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175, Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 414-5141
www.protekanalog.com
95025. Rev.0. 05/2008
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Pre
Amp
+
+
Pre
Amp
Power
Amp
Power
Amp
DETAILED DESCRIPTION
Figure2. Shows the normal setup of a Pre Amplifier system. Since the system is built on a single ended power supply the
outputs of the pre-amplifier need to be routed through a bypass capacitor to get rid of the DC bias.
Figure 2: Normal setup for a pre amplifier output
When the power supply to the system is turned ON there is a spike in the output of the system because of the charging of
various components in the system. This spike is called a “Click or Pop Noise”. When this click/pop noise passes through the
Power Amplifiers, the noise is amplified and listeners hear an audible ‘pop’ which causes discomfort. The reverse operation
happens when the system is powering down. These operations are shown below in figure3. The top waveform shows the power
supply Powering Up and Powering Down. The middle waveform shows the voltage appearing at the positive terminal of the
bypass capacitor. The bottom waveform shows the voltage at the output of the bypass capacitor. This is the Pop-Noise that is
amplified by the power amplifier.
Figure 3: Power Up and Power Down sequences and waveforms
t
t
VCC
VCC/2
0
0
>500mV
start-up “pop”
time
mSec
50mS
50mS
>500mV
shutdown “pop”
Power Supply Waveform
Bypass capacitor input plate
System output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com