Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA4402 Datasheet(PDF) 2 Page - Protek Devices

Part # PA4402
Description  Click-Pop Suppression Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4402 Datasheet(HTML) 2 Page - Protek Devices

  PA4402 Datasheet HTML 1Page - Protek Devices PA4402 Datasheet HTML 2Page - Protek Devices PA4402 Datasheet HTML 3Page - Protek Devices PA4402 Datasheet HTML 4Page - Protek Devices PA4402 Datasheet HTML 5Page - Protek Devices PA4402 Datasheet HTML 6Page - Protek Devices PA4402 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PA4402
Click-Pop Suppression Device
ANALOG PRODUCTS DIVISION
2929 S Fair Lane, Tempe, AZ, 85282 Tel: (602) 431-8101. Fax: (602) 431-2288
www.protekdevices.com
95029. Rev2. 2/2012;
NOT FOR USE IN LIFE SUPPORT SYSTEMS
ABSOLUTE MAXIMUM RATINGS
(All Voltages are referenced to GND)
VCC .....................................................................................+15V
Continuous Current (IN_, OUT_).....................................±150mA
Continuous Current (All Other Pins) .................................±20mA
Continuous Power Dissipation (TA = +70°C)
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Stresses beyond those listed under
“Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC=12V, SEL = GND,TA = Ambient Temperature = 25 °C.
Symbol
Parameter
Condition
Limit
Unit
Min
Typical
Max
VCC
Power Supply
Normal Operation
12.0
15.0
V
IDD
Supply Current
Normal Operation
5
mA
TA
Ambient Temperature
Normal Operation
-40
+85
ºC
RON
ON Resistance
1uF on Cext
3.75
5
Ω
RFLAT(ON)
ON Resistance Flatness
Over Input Voltage Range
15
m
Ω
THD
Total Harmonic Distortion
RL = 600
Ω, VSIG = 2VRMS
f = 1kHz
.020
1
%
XTALK
Crosstalk (on)
f = 20kHz
-100
dB
QIRR
Off Isolation
f = 20kHz RL= 600
Ω
-108
dB
VSIG
Analog Signal Range
Normal Operation
3.0
VRMS
VESD
ESD Protection
HBM
4
kV
fCO
Bandwidth
>100
kHz
VUVLO
Power Off Threshold
VCC Falling
9.0
9.3
VCC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com