Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA5240 Datasheet(PDF) 3 Page - Protek Devices

Part # PA5240
Description  24-Bit, 192 kHz Stereo A/D Converter for PCM Audio
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5240 Datasheet(HTML) 3 Page - Protek Devices

  PA5240 Datasheet HTML 1Page - Protek Devices PA5240 Datasheet HTML 2Page - Protek Devices PA5240 Datasheet HTML 3Page - Protek Devices PA5240 Datasheet HTML 4Page - Protek Devices PA5240 Datasheet HTML 5Page - Protek Devices PA5240 Datasheet HTML 6Page - Protek Devices PA5240 Datasheet HTML 7Page - Protek Devices PA5240 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 474-1715
www.protekanalog.com
PA5240
24-Bit, 192 kHz Stereo A/D Converter
for PCM Audio
95246 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
ANALOG AND FILTER CHARACTERISTICS AND SPECIFICATIONS
Test conditions are as the following unless otherwise specify:
VDDA=5V, VDDD=3.3V, GNDA=0V, GNDD=0V, Ambient temperature=25C, Fs=48 KHz, 96 KHz or 192 KHz, MCLK/LRCK=256 or 128
PARAMETER
MIN
TYP
MAX
UNIT
Dynamic Range (Note 1)
98
dB
THD+N
-85
dB
Channel Separation (1KHz)
85
dB
Signal to Noise ratio
98
dB
Interchannel Gain Mismatch
0.1
dB
Gain Error
5
%
Filter Frequency Response – Single Speed
Passband
0
0.4535
Fs
Stopband
0.5465
Fs
Passband Ripple
±0.05
dB
Stopband Attenuation
70
dB
Filter Frequency Response – Double Speed
Passband
0
0.4167
Fs
Stopband
0.5833
Fs
Passband Ripple
±0.005
dB
Stopband Attenuation
70
dB
Filter Frequency Response – Quad Speed
Passband
0
0.2083
Fs
Stopband
0.7917
Fs
Passband Ripple
±0.005
dB
Stopband Attenuation
70
dB
Analog Input
Full Scale Input Level
1
Vrms
Input Impedance
20
KΩ
Note
1. The value is measured used A-weighted filter. If not use, the result will decrease 2-3 dB.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com