Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA5750 Datasheet(PDF) 21 Page - Protek Devices

Part # PA5750
Description  Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5750 Datasheet(HTML) 21 Page - Protek Devices

Back Button PA5750 Datasheet HTML 17Page - Protek Devices PA5750 Datasheet HTML 18Page - Protek Devices PA5750 Datasheet HTML 19Page - Protek Devices PA5750 Datasheet HTML 20Page - Protek Devices PA5750 Datasheet HTML 21Page - Protek Devices PA5750 Datasheet HTML 22Page - Protek Devices PA5750 Datasheet HTML 23Page - Protek Devices PA5750 Datasheet HTML 24Page - Protek Devices PA5750 Datasheet HTML 25Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
PA5750
Low Power Stereo Audio CODEC
With Speaker and Headphone Amplifier.
ANALOG PRODUCTS DIVISION
561 E Elliot Road.#175 Chandler, AZ 85225 Tel: (480)539-2900. Fax: (480)632-1715.
21
www.protekanalog.com
Not for use in any life support systems.
95230 Rev.0. 04/09
6.3.20. Register42 – DAC Control 20, Default 0011 1000
Bit Name
Bit
Description
RD2RO
7
0 – right DAC to right mixer disable (default).
1 – right DAC to right mixer enable
RI2RO
6
0 – RIN signal to right mixer disable (default).
1 – RIN signal to right mixer enable
RI2ROVOL
5:3
RIN signal to right mixer gain.
000 – 6dB.
001 – 3dB.
010 – 0dB.
011 – -3dB.
100 – -6dB.
101 – -9dB.
110 – -12dB.
111 – -15dB (default).
6.3.21. Register43 – DAC Control 21, Default 0011 1000
Bit Name
Bit
Description
LD2MO
7
0 – left DAC to mono mixer disable (default).
1 – left DAC to mono mixer enable
LI2MO
6
0 – LIN signal to mono mixer disable (default).
1 – LIN signal to mono mixer enable
LI2MOVOL
5:3
LIN signal to mono mixer gain.
000 – 6dB.
001 – 3dB.
010 – 0dB.
011 – -3dB.
100 – -6dB.
101 – -9dB.
110 – -12dB.
111 – -15dB (default).
6.3.22. Register44 – DAC Control 22, Default 0011 1000
Bit Name
Bit
Description
RD2MO
7
0 – right DAC to right mixer disable (default).
1 – right DAC to right mixer enable
RI2MO
6
0 – RIN signal to right mixer disable (default).
1 – RIN signal to right mixer enable
RI2MOVOL
5:3
RIN signal to mono mixer gain.
000 – 6dB.
001 – 3dB.
010 – 0dB.
011 – -3dB.
100 – -6dB.
101 – -9dB.
110 – -12dB.
111 – -15dB (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com