Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM05SC700504F Datasheet(PDF) 1 Page - Protek Devices

Part # PAM05SC700504F
Description  ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM05SC700504F Datasheet(HTML) 1 Page - Protek Devices

  PAM05SC700504F Datasheet HTML 1Page - Protek Devices PAM05SC700504F Datasheet HTML 2Page - Protek Devices PAM05SC700504F Datasheet HTML 3Page - Protek Devices PAM05SC700504F Datasheet HTML 4Page - Protek Devices PAM05SC700504F Datasheet HTML 5Page - Protek Devices PAM05SC700504F Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05350.R0 12/11
Page 1
PAM05SC700504F
ultRA low CAPACitAnCe SteeRing diode/tvS ARRAy
deSCRiPtion
The PAM05SC700504F is subminiature, ultra low capacitance steering diode/TVS suppressor array designed for the
protection of sensitive IC components from the damaging effects of Electrostatic Discharge (ESD) and Electrical Fast
Transients (EFT). This device is ideally suited for use in automotive applications.
The PAM05SC700504F provides protection in accordance with IEC 61000-4-2 and IEC 61000-4-4 requirements. This
device is available in a SC70-6L package configuration and is rated at 200 Watts peak pulse power (8/20µs) per line.
FeAtuReS
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• 200 Watts Peak Pulse Power per Line(tp = 8/20µs)
• ESD Protection > 25 kilovolts
• Protects 4 Data Lines
• Low Clamping Voltage
• Ultra Low Capacitance: 1.9pF Typical
• RoHS Compliant
• REACH Compliant
MeChAniCAl ChARACteRiStiCS
• Molded JEDEC SC70-6L Package
• Approximate Weight: 7milligrams
• Lead-Free Nickel Paladium Gold Plating
• Solder Reflow Temperature: 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
APPliCAtionS
• Automotive Applications
Pin ConFiguRAtion
SC70-6l PACkAge
1
6
5
2
3
4
I/O 1
GND
I/O 2
I/O 4
REF
I/O 3


Similar Part No. - PAM05SC700504F

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM01SC7905C PROTEC-PAM01SC7905C Datasheet
448Kb / 6P
ultra LOW CAPACITANCE TVS ARRAY
PAM01SC7905C PROTEC-PAM01SC7905C_12 Datasheet
449Kb / 6P
ultra LOW CAPACITANCE TVS ARRAY
PAM02SD2303 PROTEC-PAM02SD2303 Datasheet
570Kb / 7P
ultra LOW CAPACITANCE TVS ARRAYs
PAM02SD2303C PROTEC-PAM02SD2303C Datasheet
439Kb / 6P
ULTRA LOW CAPACITANCE TVS ARRAY
PAM02SD2305 PROTEC-PAM02SD2305 Datasheet
570Kb / 7P
ultra LOW CAPACITANCE TVS ARRAYs
More results

Similar Description - PAM05SC700504F

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLC497 PROTEC-PLC497_10 Datasheet
916Kb / 9P
ultra low capacitance steering diode/TVS array
PSR3.3 PROTEC-PSR3.3 Datasheet
478Kb / 6P
ultra low capacitance steering diode/tvs array
SRV05-4 PROTEC-SRV05-4_11 Datasheet
630Kb / 8P
ultra low capacitance steering diode/tvs array
SRV05-4LC PROTEC-SRV05-4LC Datasheet
548Kb / 7P
ultra low capacitance steering diode/tvs array
PLR0502 PROTEC-PLR0502_12 Datasheet
553Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0504F PROTEC-PLR0504F_12 Datasheet
524Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0524 PROTEC-PLR0524 Datasheet
941Kb / 8P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR3.3 PROTEC-PSR3.3_12 Datasheet
479Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SR2.8 PROTEC-SR2.8_12 Datasheet
486Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SRV25-4 PROTEC-SRV25-4 Datasheet
442Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com