Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM11SO803 Datasheet(PDF) 1 Page - Protek Devices

Part # PAM11SO803
Description  HIGH POWER LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM11SO803 Datasheet(HTML) 1 Page - Protek Devices

  PAM11SO803 Datasheet HTML 1Page - Protek Devices PAM11SO803 Datasheet HTML 2Page - Protek Devices PAM11SO803 Datasheet HTML 3Page - Protek Devices PAM11SO803 Datasheet HTML 4Page - Protek Devices PAM11SO803 Datasheet HTML 5Page - Protek Devices PAM11SO803 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05355.R0 12/11
Page 1
PAM11SO803
HIGH POWER LOW CAPACITANCE TVS ARRAY
DESCRIPTION
The PAM11SO803 is a low capacitance, high powered TVS array available in a SO-8 package. This device is designed to
protect automotive applications from the damaging effects of ESD, EFT and secondary transient threats.
The PAM11SO803 has a peak pulse power rating of 1800 Watts for an 8/20µs waveshape. This devices meets the IEC
61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
FEATuRES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 94A, 8/20µs - Level 4(Line-
Gnd), 48A, Level 1 (Power) & 48A, Level 4(Line-Line)
• 100A (2/10µs) per Bellcore GR1089 (Intra-Building)
• ESD Protection > 25 kilovolts
• 1800 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Low Capacitance: 8pF Typical
• Telecom/Diode Bridge
• RoHS Compliant
• REACH Compliant
MECHANICAL CHARACTERISTICS
• Molded JEDEC SO-8 Package
• Approximate Weight: 70 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 12mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPLICATIONS
• Automotive Applications
PIN CONFIGuRATION
SO-8 PACkAGE
1
2
4
8
3
5
6
7


Similar Part No. - PAM11SO803

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM11KLD8S24CAP PROTEC-PAM11KLD8S24CAP Datasheet
371Kb / 5P
high power tvs for automotive load dump applications
More results

Similar Description - PAM11SO803

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
LOW CAPACITANCE TVS ARRAY
logo
Protek Devices
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
LOW CAPACITANCE TVS ARRAY
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3_11 Datasheet
504Kb / 6P
HIGH POWER LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3_12 Datasheet
506Kb / 6P
HIGH POWER LOW CAPACITANCE TVS ARRAY
PLC03_33LC PROTEC-PLC03_33LC_15 Datasheet
392Kb / 6P
HIGH POWER LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com