Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM13ST2305 Datasheet(PDF) 2 Page - Protek Devices

Part # PAM13ST2305
Description  ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM13ST2305 Datasheet(HTML) 2 Page - Protek Devices

  PAM13ST2305 Datasheet HTML 1Page - Protek Devices PAM13ST2305 Datasheet HTML 2Page - Protek Devices PAM13ST2305 Datasheet HTML 3Page - Protek Devices PAM13ST2305 Datasheet HTML 4Page - Protek Devices PAM13ST2305 Datasheet HTML 5Page - Protek Devices PAM13ST2305 Datasheet HTML 6Page - Protek Devices PAM13ST2305 Datasheet HTML 7Page - Protek Devices PAM13ST2305 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05357.R0 12/11
Page 2
PAM13ST2305
TyPicAl device chARAcTeRiSTicS
MAXiMuM RATingS @ 25°c unless otherwise Specified
PARAMeTeR
SyMBol
vAlue
uniTS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
500
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Forward Surge Rating (5ms @ 25°C, I
F = 10mA)
V
F
0.5 Min. - 1.2 Max.
Volts
Peak Pulse Current (tp = 8/20µs) - Note 1
I
PP
30
Amps
noTeS
1. Across TVS only - pin 2 to pin 5.
elecTRicAl chARAcTeRiSTicS PeR line @ 25°c unless otherwise Specified
PART
nuMBeR
device
MARking
RATed
STAnd-oFF
volTAge
(note 1)
v
wM
volTS
MiniMuM
BReAkdown
volTAge
(note 1)
@ 1mA
v
(BR)
volTS
MAXiMuM
clAMPing
volTAge
(Fig. 2)
(note 1)
@ i
P = 1A
v
c
volTS
MAXiMuM
clAMPing
volTAge
(Fig. 2)
(note 1)
@ i
P = 5A
v
c
volTS
MAXiMuM
leAkAge
cuRRenT
(note 1)
@v
wM
i
d
µA
TyPicAl
cAPAciTAnce
(note 1)
@0v, 1Mhz
c
J(Sd)
pF
PAM13ST2305
S5
5.0
6.0
12.0
15.0
5
3.5
noTeS
1. Measured from I/O pin to ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com