Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM17DF2L05C Datasheet(PDF) 1 Page - Protek Devices

Part # PAM17DF2L05C
Description  LOW CAPACITANCE MINIATURE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM17DF2L05C Datasheet(HTML) 1 Page - Protek Devices

  PAM17DF2L05C Datasheet HTML 1Page - Protek Devices PAM17DF2L05C Datasheet HTML 2Page - Protek Devices PAM17DF2L05C Datasheet HTML 3Page - Protek Devices PAM17DF2L05C Datasheet HTML 4Page - Protek Devices PAM17DF2L05C Datasheet HTML 5Page - Protek Devices PAM17DF2L05C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05367.R0 1/12
Page 1
PAM17DF2L05C
Low CAPACitAnCe MiniAtuRe tVS ARRAY
DeSCRiPtion
The PAM17DF2L05C is a transient voltage suppressor array (TVS) designed to protect automotive applications. The
PAM17DF2L05C is available in a bidirectional configuration with a working voltage of 4.7V and a minimum breakdown
voltage of 5.7V. This device is rated for 10 Watt peak pulse power using the 10/1000µs waveform, which is sufficient
protection for tertiary type lightning threats at key interface locations.
The PAM17DF2L05Cis also suited to automotive applications against ESD and EFT. This device meets the IEC 61000-
4-2 and IEC 61000-4 requirements. At higher operating frequencies or faster edge rates, insertion loss and signal
integrity are a major concern. This device in conjunction with passive components integrated into a TVS/filter network
can be used for EMI/RFI protection.
FeAtuReS
• Compatible with IEC 61000-4-2 (ESD)
• Compatible with IEC 61000-4-4 (EFT)
• 10 Watts Peak Pulse Power per Line (tp =10/1000µs)
• Bidirectional Configuration
• Protects 1 Data Line
• Low Clamping Voltage
• Easy Placement for Manufacturing
• Low Capacitance
• RoHS Compliant
• REACH Compliant
MeChAniCAL ChARACteRiStiCS
• Molded JEDEC DFN-2-0402 Package
• Approximate Weight: 0.8 milligrams
• Lead-Free Nickel Paladium Gold Plating
• Solder Reflow Temperature - 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPLiCAtionS
• Automotive Applications
Pin ConFiGuRAtion
DFn-2 PACkAGe
1
2


Similar Part No. - PAM17DF2L05C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PAM1705BPTP3 TI-PAM1705BPTP3 Datasheet
991Kb / 155P
AM1705 ARM Microprocessor
PAM1705BPTP4 TI-PAM1705BPTP4 Datasheet
991Kb / 155P
AM1705 ARM Microprocessor
PAM1705BPTPA3 TI-PAM1705BPTPA3 Datasheet
991Kb / 155P
AM1705 ARM Microprocessor
PAM1705BPTPA4 TI-PAM1705BPTPA4 Datasheet
991Kb / 155P
AM1705 ARM Microprocessor
PAM1705BPTPD3 TI-PAM1705BPTPD3 Datasheet
991Kb / 155P
AM1705 ARM Microprocessor
More results

Similar Description - PAM17DF2L05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
LOW CAPACITANCE TVS ARRAY
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
LOW CAPACITANCE TVS ARRAY
P0201D05C PROTEC-P0201D05C_11 Datasheet
522Kb / 6P
low capacitance miniature TVS ARRAY
PRSB6.8C PROTEC-PRSB6.8C_11 Datasheet
629Kb / 6P
LOW CAPACITANCE MINIATURE TVS ARRAY
PRSB6.8CT PROTEC-PRSB6.8CT Datasheet
625Kb / 6P
LOW CAPACITANCE MINIATURE TVS ARRAY
P0201D05C PROTEC-P0201D05C_12 Datasheet
481Kb / 6P
LOW CAPACITANCE MINIATURE TVS ARRAY
PRSB6.8C PROTEC-PRSB6.8C_12 Datasheet
523Kb / 6P
LOW CAPACITANCE MINIATURE TVS ARRAY
PRSB6.8CT PROTEC-PRSB6.8CT_12 Datasheet
627Kb / 6P
LOW CAPACITANCE MINIATURE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com