Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP0640SB Datasheet(PDF) 2 Page - Protek Devices

Part # PP0640SB
Description  THYRISTOR SURGE SUPPRESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PP0640SB Datasheet(HTML) 2 Page - Protek Devices

  PP0640SB Datasheet HTML 1Page - Protek Devices PP0640SB Datasheet HTML 2Page - Protek Devices PP0640SB Datasheet HTML 3Page - Protek Devices PP0640SB Datasheet HTML 4Page - Protek Devices PP0640SB Datasheet HTML 5Page - Protek Devices PP0640SB Datasheet HTML 6Page - Protek Devices PP0640SB Datasheet HTML 7Page - Protek Devices PP0640SB Datasheet HTML 8Page - Protek Devices PP0640SB Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05081.R11 2/11
Page 2
PP0640SA - PP3500SC
TyPiCAl DeViCe ChARACTeRiSTiCS
mAXimum RATingS @ 25°C unless otherwise Specified
PARAmeTeR
Symbol
VAlue
uniTS
Surge Current - 50/60Hz (SC Series)
I
TSM
60
Amps
Junction Temperature
T
A
-40 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Thermal Resistance (Junction) - SA & SB Series
R
QJC
28
°C/Watt
Thermal Resistance (Junction) - SC Series
R
QJC
26
°C/Watt
Thermal Resistance (Ambient) - SA & SB Series
R
QJA
90
°C/Watt
Thermal Resistance (Ambient) - SC Series
R
QJA
85
°C/Watt
FiguRe 1
PulSe WAVeFoRm
t
f
Peak Value I
PP
TEST
WAVEFORM
PARAMETERS
t
f = 10µs
t
d = 1000µs
t
d = t/(IPP/2)
e-t
0
1
2
3
t - Time - ms
0
50
100
I
PP
I
TSM
I
T
I
S
I
H
I
DRM
V
T
V
DRM
V
S
FiguRe 2
Vi ChARACTeRiSiTC CuRVe
FiguRe 3
on-STATe CuRRenT VS SuRge CuRRenT DuRATion
Surge Current Duration - Full Cycles
Supply Frequency - 60 hz Sinusoidal
1
10
100
1000
1
10
100
PPxxxxSA
PPxxxxSC
PPxxxxSB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com