Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDB05C Datasheet(PDF) 2 Page - Protek Devices

Part # SMDB05C
Description  800 WATT MULTI-LINE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMDB05C Datasheet(HTML) 2 Page - Protek Devices

  SMDB05C Datasheet HTML 1Page - Protek Devices SMDB05C Datasheet HTML 2Page - Protek Devices SMDB05C Datasheet HTML 3Page - Protek Devices SMDB05C Datasheet HTML 4Page - Protek Devices SMDB05C Datasheet HTML 5Page - Protek Devices SMDB05C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05166.R4 9/10
Page 2
SMDB05 - SMDB24C
TYPICAL DEVICE ChARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless otherwise Specified
PARAMETER
SYMBoL
VALUE
UNITS
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
800
Watts
Forward Voltage @ 100mA, 300µs - Square Wave (See Note 1)
V
F
1.5
Volts
NoTE
1. Only applies to unidirectional devices.
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C Unless otherwise Specified
PART
NUMBER
(Note 1)
DEVICE
MARkING
RATED
STAND-oFF
VoLTAGE
V
WM
VoLTS
MINIMUM
BREAkDoWN
VoLTAGE
@1mA
V
(BR)
VoLTS
MAXIMUM
CLAMPING
VoLTAGE
(Fig. 2)
@I
P = 1A
V
C
VoLTS
MAXIMUM
CLAMPING
VoLTAGE
(Fig. 2)
@8/20µS
V
C @ IPP
MAXIMUM
LEAkAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
CAPACITANCE
@0V, 1Mhz
C
pF
SMDB05
PDA
5.0
6.0
9.8
24.6V @ 45.0A
25
880
SMDB05C
PDB
5.0
6.0
9.8
24.6V @ 45.0A
25
493
SMDB08
PDJ
8.0
8.5
13.4
25.5V @ 40.0A
10
800
SMDB08C
PDK
8.0
8.5
13.4
25.5V @ 40.0A
10
450
SMDB12
PDC
12.0
13.3
19.0
32.9V @ 34.0A
2
440
SMDB12C
PDD
12.0
13.3
19.0
32.9V @ 34.0A
2
248
SMDB15
PDE
15.0
16.7
24.0
38.5V @ 27.0A
2
400
SMDB15C
PDF
15.0
16.7
24.0
38.5V @ 27.0A
2
225
SMDB24
PDG
24.0
26.7
43.0
48.5V @ 20.0A
2
275
SMDB24C
PDH
24.0
26.7
43.0
48.5V @ 20.0A
2
155
NoTES
1. Part numbers with a “C” suffix are bidirectional devices, i.e., SMDB05C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com