Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2100CT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF2100CT
Description  LCD drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2100CT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF2100CT Datasheet HTML 4Page - NXP Semiconductors PCF2100CT Datasheet HTML 5Page - NXP Semiconductors PCF2100CT Datasheet HTML 6Page - NXP Semiconductors PCF2100CT Datasheet HTML 7Page - NXP Semiconductors PCF2100CT Datasheet HTML 8Page - NXP Semiconductors PCF2100CT Datasheet HTML 9Page - NXP Semiconductors PCF2100CT Datasheet HTML 10Page - NXP Semiconductors PCF2100CT Datasheet HTML 11Page - NXP Semiconductors PCF2100CT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1997 Mar 28
8
Philips Semiconductors
Product specification
LCD drivers
PCF21xxC family
6.3
PCF2112C
SYMBOL
PIN
DESCRIPTION
CLB
1
clock burst input (CBUS)
VDD
2
supply voltage
OSC
3
oscillator input
VSS
4
supply voltage ground
S32
5
LCD driver output 32
S31
6
LCD driver output 31
S30
7
LCD driver output 30
S29
8
LCD driver output 29
S28
9
LCD driver output 28
S27
10
LCD driver output 27
S26
11
LCD driver output 26
S25
12
LCD driver output 25
S24
13
LCD driver output 24
S23
14
LCD driver output 23
S22
15
LCD driver output 22
S21
16
LCD driver output 21
S20
17
LCD driver output 20
S19
18
LCD driver output 19
S18
19
LCD driver output 18
S17
20
LCD driver output 17
S16
21
LCD driver output 16
S15
22
LCD driver output 15
S14
23
LCD driver output 14
S13
24
LCD driver output 13
S12
25
LCD driver output 12
S11
26
LCD driver output 11
S10
27
LCD driver output 10
S9
28
LCD driver output 9
S8
29
LCD driver output 8
S7
30
LCD driver output 7
S6
31
LCD driver output 6
S5
32
LCD driver output 5
S4
33
LCD driver output 4
S3
34
LCD driver output 3
S2
35
LCD driver output 2
S1
36
LCD driver output 1
n.c.
37
not connected
BP
38
backplane driver output
DATA
39
data input line (CBUS)
DLEN
40
data input line enable (CBUS)
Fig.6 Pin configuration; SOT129-1 and SOT158-1.
handbook, halfpage
PCF2112C
MLD292
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
CLB
V
OSC
S32
S31
S30
S29
S28
S27
S26
S25
S24
S23
S22
S21
S20
S19
S18
S17
DD
VSS
DLEN
BP
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S11
S12
S13
S14
S15
S16
DATA
n.c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com