Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1947VC Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LB1947VC
Description  Monolithic Digital IC PWM Current Control Type Forward/Reverse Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1947VC Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LB1947VC Datasheet HTML 3Page - Sanyo Semicon Device LB1947VC Datasheet HTML 4Page - Sanyo Semicon Device LB1947VC Datasheet HTML 5Page - Sanyo Semicon Device LB1947VC Datasheet HTML 6Page - Sanyo Semicon Device LB1947VC Datasheet HTML 7Page - Sanyo Semicon Device LB1947VC Datasheet HTML 8Page - Sanyo Semicon Device LB1947VC Datasheet HTML 9Page - Sanyo Semicon Device LB1947VC Datasheet HTML 10Page - Sanyo Semicon Device LB1947VC Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LB1947VC
No.A2035-9/11
Notes on Usage
1. VREF pin
Because the VREF pin serves for input of the set current reference voltage, precautions against noise must be taken.
2. GND pin
The ground circuit for this IC must be designed so as to allow for high-current switching. Blocks where high current
flows must use low-impedance patterns and must be removed from small-signal lines. Especially the ground
connection for the sensing resistor RE at pin E, and the ground connection for the Schottky barrier diodes should be in
close proximity to the IC ground.
The capacitors between VCC and ground, and VBB and ground should be placed close to the VCC and VBB pins,
respectively.
3. CR pin setting (Switching off time, Noise cancel time)
The noise cancel time (Tn) and the switching off time (Toff) are set by the following expressions:
Noise cancel time: Tn
≈ C × R × ln {(1.0 − RI) / (4.0 − RI) [sec]
CR charge current: 1.3mA
Switching off time: Toff
≈ −C × R × ln (1.0 / 4.8) [sec]
Internal configuration at CR pin
C:680pF
CR
VCC line
One-shot multi-blanking
time circuit
CR constant range: R = 4.7k to 100k
Ω
C = 330pF to 2200pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com