Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVC203C Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC203C
Description  Diffused Junction Type Silicon Diode Varactor Diode for FM Low-Voltage Electronic Tuning Use
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC203C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC203C Datasheet HTML 1Page - Sanyo Semicon Device SVC203C Datasheet HTML 2Page - Sanyo Semicon Device SVC203C Datasheet HTML 3Page - Sanyo Semicon Device SVC203C Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SVC203C
No.2195-1/4
Features
•
Dual type with a good linearity of C-V characteristic. Excels in large input characteristics.
•
Small-sized package (CP) usable in ultrasmall-sized sets (surface mount type).
•
Applicable to FM wide band due to high capacitance ratio (VR=1.5 to 9V).
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Breakdown Voltage
V(BR)R
IR=1μA16
V
Reverse Current
IR
VR=10V
50
nA
C1.0V
VR=1.0V, f=1MHz
58.80
65.98
pF
Interterminal Capacitance *
C6.0V
VR=6.0V, f=1MHz
18.72
25.11
pF
C9.0V
VR=9.0V, f=1MHz
10.84
13.40
pF
Quality Factor
Q
VR=3.0V, f=100MHz
60
Capacitance Ratio
CR
C1.0V / C9.0V
4.6
VR=1.0V
6.5
%
Matching Tolerance
ΔCm
VR=6.0V
5.5
%
VR=9.0V
11.8
%
* Capacitance value of one diode
www.semiconductor-sanyo.com/network
Ordering number : EN2195H
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
42209VA MS IM TC-00001954 / 31504 TS IM / O0397 GI / 52595 GI (KOTO) 1200 MO / O268 MO / 6187 AT, TS 8-9952
SVC203C
Diffused Junction Type Silicon Diode
Varactor Diode for FM Low-Voltage
Electronic Tuning Use
(Cmax -- Cmin)
✕100
Cmin


Similar Part No. - SVC203C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC203C SANYO-SVC203C Datasheet
348Kb / 6P
Varactor Diode for FM Low-Voltage Electronic Tuning Use
logo
ON Semiconductor
SVC203C ONSEMI-SVC203C Datasheet
738Kb / 4P
Varactor Diode
October 2014 - Rev. 2
SVC203C-TB-E ONSEMI-SVC203C-TB-E Datasheet
738Kb / 4P
Varactor Diode
October 2014 - Rev. 2
logo
Sanyo Semicon Device
SVC203CP SANYO-SVC203CP Datasheet
82Kb / 3P
Varactor Diode for FM Low-Voltage Electronic Tuning Use
SVC203C SANYO-SVC203C_12 Datasheet
348Kb / 6P
Varactor Diode for FM Low-Voltage Electronic Tuning Use
More results

Similar Description - SVC203C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC203CP SANYO-SVC203CP Datasheet
82Kb / 3P
Varactor Diode for FM Low-Voltage Electronic Tuning Use
SVC222 SANYO-SVC222 Datasheet
19Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC234 SANYO-SVC234 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC236 SANYO-SVC236 Datasheet
27Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC237 SANYO-SVC237 Datasheet
22Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC270 SANYO-SVC270 Datasheet
25Kb / 3P
Diffused Junction Type Silicon Diode Varactor Diode for FM Receiver Electronic Tuning Applications
SVC720 SANYO-SVC720 Datasheet
87Kb / 4P
Silicon Diffused Junction Type Varactor Diode FM Receiver Electronic Tuning Applications
SVC272 SANYO-SVC272_09 Datasheet
411Kb / 6P
Silicon Diffused Junction Type Varactor Diode FM Receiver Electronic Tuning Applications
SVC203C SANYO-SVC203C_12 Datasheet
348Kb / 6P
Varactor Diode for FM Low-Voltage Electronic Tuning Use
SVC236 SANYO-SVC236_12 Datasheet
383Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Use
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com