Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS2273 Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2273
Description  2273 Current Mode PWM Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2273 Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2273 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
WS2273
WS2273
WS2273
WS2273
2/9
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
Pin
Pin
Pin
Pin Definition
Definition
Definition
Definition and
and
and
and Device
Device
Device
Device Marking
Marking
Marking
Marking
Pin
Pin
Pin
Pin Function
Function
Function
Function Description
Description
Description
Description
Pin
Pin
Pin
Pin
Name
Name
Name
Name
Pin
Pin
Pin
Pin
Number
Number
Number
Number
Pin
Pin
Pin
Pin Type
Type
Type
Type
Function
Function
Function
Function Description
Description
Description
Description
GND
1
GND
Ground.
FB
2
Feedback Input
Feedback input pin. The PWM duty cycle is determined by voltage
level into this pin and the current-sense signal at Pin 4. The internal
protection circuit will automatically shutdown when the FB voltage
level exceeds a preset threshold voltage.
RT
3
OTP Setting
Dual function pin. Either connected through a NTC resistor to
ground for over temperature shut down/latch control or connected
through Zener to VCC for adjustable over voltage protection.
CS
4
Current Monitoring
Current sense input.
VCC
5
Power
Power supply
GATE
6
Gate-driven output
Totem-pole gate driver output for power MOSFET.
Block
Block
Block
Block Diagram
Diagram
Diagram
Diagram
73: WS2273
Y: Year Code (0-9)
WW: Week Code (1-52)
S o f t
S t a r t
2
M o d e
S e le c t
O L P
4
1
6
S of t
Driver
Inter 5V supply
T i m e r
L o g i c
F a u l t
Management
F B
C S
G N D
G a t e
3
R T
L E B
Trimmed
Voltage/
Current
Reference
Internal
Reference
O T P
5
U V L O
regulator
Vcc_OVP
P O R
V C C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com