Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA317PI Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA317PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA317PI Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA317PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA317PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA317PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA317PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA317PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA317PI Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2012. 1. 31
1/6
SEMICONDUCTOR
TECHNICAL DATA
KIA317F/PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 6
3-TERMINAL 1.5A POSITIVE ADJUSTABLE REGULATOR
The KIA317F/FP/PI/S is adjustable 3-terminal positive voltage regulator capable of supplying in excess of 1.5A
over a 1.25V to 37V output range. This is exceptionally easy to use and require only two external resistors
to set the output voltage. Further, both line and load regulation are better than standard fixed regulators.
FEATURES
・Adjustable output between 1.25V and 37V
・Guaranteed 1.5A output current
・Line regulation typically 0.001%/V
・Load regulation typically 0.1%
・80dB ripple rejection (with Cadj)
・Internal thermal overload protection
・Internal short-circuit current limiting
・Output transistor safe-area compensation
MAXIMUM RATINGS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input-Output Voltage Differential
VIN
40
V
Output Current
IOUT
1.5
A
Power Dissipation
(No Heatsink)
F
DPAK
PD
1.3
W
PI
TO-22IS
2.0
Maximum Junction Temperature
Tj(max)
150
℃
Operating Junction Temperature
Topr
-30
~125
℃
Storage Temperature
Tstg
-65
~150
℃
Lead Temperature
Tlead
230
℃
BLOCK DIAGRAM


Similar Part No. - KIA317PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA317PI KEC-KIA317PI Datasheet
664Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT (3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR)
More results

Similar Description - KIA317PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com