Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431B Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # TL431B
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

TL431B Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  TL431B Datasheet HTML 1Page - KEC(Korea Electronics) TL431B Datasheet HTML 2Page - KEC(Korea Electronics) TL431B Datasheet HTML 3Page - KEC(Korea Electronics) TL431B Datasheet HTML 4Page - KEC(Korea Electronics) TL431B Datasheet HTML 5Page - KEC(Korea Electronics) TL431B Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2008. 7. 3
3/6
TL431 Series
Revision No : 0
Input
FIGURE 1-TEST CIRCUIT FOR VKA = Vref
off
I
KA
V
Input
FIGURE 3-TEST CIRCUIT FOR I off
FIGURE 2-TEST CIRCUIT FOR VKA > Vref
IK
IK
VKA
VKA
Input
R1
R2
Iref
VKA = Vref ( 1+
) + Iref R1
R1
R2
Max.
Min.
T1
T2
AMBIENT TEMPERATURE
-
Vref (Min.)
Ta = T2 - T1
Vref
Vref
Vref
Vref = Vref (Max.)
Vref
Example :
Vref = 8.0mV and slope is positive,
Vref at 25 =2.495V,
Ta=70
0.008
10
6
Vref =
= 45.8 ppm/
70
(2.495)
Note 2: The dynamic impedance Zka is defined as:
VKA
|Zka| =
Ik
When the device is programmed with two external
resistors, R1 and R2, (refer to Figure 2) the total
dynamic impedance of the circuit is defined as:
R1
|Zka’| = |Zka| (1+
)
R2
Note 1:
The deviation parameter
Vref is defined as the differences
between the maximum and minimum values obtained over the
full operating ambient temperature range that applies.
The average temperature coefficient of the Reference
input voltage,
Vref , is defined as:
Vref
(
)
10
6
ppm
Vref at 25
Vref (
) =
Ta
Vref
10
6
=
Ta(Vref at 25 )
Vref can be positive or negative depending on whether
Vref Min. or Vref Max. occurs at the lower ambient temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com